Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4041 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4041
Description  165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4041 Datasheet(HTML) 1 Page - Texas Instruments

  THS4041 Datasheet HTML 1Page - Texas Instruments THS4041 Datasheet HTML 2Page - Texas Instruments THS4041 Datasheet HTML 3Page - Texas Instruments THS4041 Datasheet HTML 4Page - Texas Instruments THS4041 Datasheet HTML 5Page - Texas Instruments THS4041 Datasheet HTML 6Page - Texas Instruments THS4041 Datasheet HTML 7Page - Texas Instruments THS4041 Datasheet HTML 8Page - Texas Instruments THS4041 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
THS4041, THS4042
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
SLOS237B– MAY 1999 – REVISED FEBRUARY 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D C-Stable Amplifiers Drive Any Capacitive
Load
D High Speed
– 165 MHz Bandwidth (–3 dB); CL = 0 pF
– 100 MHz Bandwidth (–3 dB); CL = 100 pF
– 35 MHz Bandwidth (–3 dB); CL = 1000 pF
– 400 V/
µs Slew Rate
D Unity Gain Stable
D High Output Drive, IO = 100 mA (typ)
D Very Low Distortion
– THD = –75 dBc (f = 1 MHz, RL = 150 Ω)
– THD = –89 dBc (f = 1 MHz, RL = 1 kΩ)
D Wide Range of Power Supplies
– VCC = ±5 V to ±15 V
D Available in Standard SOIC or MSOP
PowerPAD
™ Package
D Evaluation Module Available
description
The THS4041 and THS4042 are single/dual,
high-speed voltage feedback amplifiers capable
of driving any capacitive load. This makes them
ideal for a wide range of applications including
driving video lines or buffering ADCs. The devices
feature high 165-MHz bandwidth and 400-V/
µsec
slew rate. The THS4041/2 are stable at all gains
for both inverting and noninverting configurations.
For video applications, the THS4041/2 offer
excellent video performance with 0.01% differen-
tial gain error and 0.01
° differential phase error.
These amplifiers can drive up to 100 mA into a
20-
Ω load and operate off power supplies ranging
from
±5V to ±15V.
RELATED DEVICES
RELATED DEVICES
DEVICE
DESCRIPTION
THS4011/2
290-MHz Low Distortion High-Speed Amplifier
THS4031/2
100-MHz Low Noise High-Speed Amplifier
THS4081/2
175-MHz Low Power High-Speed Amplifiers
PowerPAD is a trademark of Texas Insruments Incorporated.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Cross Section View Showing
PowerPAD Option (DGN)
OUTPUT AMPLITUDE
vs
FREQUENCY
f – Frequency – Hz
1G
10M
100k
1M
100M
VCC = ±15 V
Gain = 1
RF = 200 Ω
RL = 150 Ω
VO(PP)=62 mV
–2
–10
–6
10
4
2
0
–8
8
–4
6
CL = 1000 pF
CL = 0.1 µF
CL = 0 pF
CL = 100 pF
1
2
3
4
8
7
6
5
NULL
IN –
IN +
VCC
NULL
VCC+
OUT
NC
THS4041
D AND DGN PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
VCC
VCC+
2OUT
2IN –
2IN+
THS4042
D AND DGN PACKAGE
(TOP VIEW)
CAUTION: The THS4041 and THS4042 provide ESD protection circuitry. However, permanent damage can still occur if this device
is subjected to high-energy electrostatic discharges. Proper ESD precautions are recommended to avoid any performance
degradation or loss of functionality.


Similar Part No. - THS4041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4041 TI2-THS4041 Datasheet
683Kb / 27P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
REVISED JUNE 2008
THS4041 TI2-THS4041 Datasheet
1Mb / 36P
165-MHz C-STABLE HIGH-SPEED AMPLIFIERS
REVISED FEBRUARY 2000
THS4041-Q1 TI1-THS4041-Q1 Datasheet
474Kb / 23P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Texas Instruments
THS4041-Q1 TI2-THS4041-Q1 Datasheet
683Kb / 27P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
REVISED JUNE 2008
More results

Similar Description - THS4041

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4051 TI-THS4051 Datasheet
487Kb / 30P
70-MHz HIGH-SPEED AMPLIFIERS
THS4061 TI-THS4061_08 Datasheet
869Kb / 30P
180-MHz HIGH-SPEED AMPLIFIERS
THS4041-Q1 TI1-THS4041-Q1 Datasheet
474Kb / 23P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4042 NSC-THS4042 Datasheet
1Mb / 34P
165-MHz C-STABLE HIGH-SPEED AMPLIFIER
THS4051 NSC-THS4051 Datasheet
883Kb / 36P
70 MHz High Speed AMPLIFIERS
THS4082 NSC-THS4082 Datasheet
971Kb / 32P
175 MHz High Speed AMPLIFIERS
logo
Texas Instruments
THS4042 TI1-THS4042 Datasheet
1Mb / 33P
165MHZ C-STABLE HIGH SPEED AMPLIFIERS
THS4061 TI1-THS4061_16 Datasheet
1Mb / 31P
180-MHz HIGH-SPEED AMPLIFIERS
THS4051 TI1-THS4051_18 Datasheet
1Mb / 38P
70-MHz HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com