Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS5641 Datasheet(PDF) 2 Page - Texas Instruments

Part # THS5641
Description  8-BIT, 100 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS5641 Datasheet(HTML) 2 Page - Texas Instruments

  THS5641 Datasheet HTML 1Page - Texas Instruments THS5641 Datasheet HTML 2Page - Texas Instruments THS5641 Datasheet HTML 3Page - Texas Instruments THS5641 Datasheet HTML 4Page - Texas Instruments THS5641 Datasheet HTML 5Page - Texas Instruments THS5641 Datasheet HTML 6Page - Texas Instruments THS5641 Datasheet HTML 7Page - Texas Instruments THS5641 Datasheet HTML 8Page - Texas Instruments THS5641 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
THS5641
8-BIT, 100 MSPS, CommsDAC
™
DIGITAL-TO-ANALOG CONVERTER
SLAS199A – MAY 1999 REVISED JUNE 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The THS5641 provides a nominal full-scale differential output current of 20 mA and >300 k
Ω output impedance,
supporting both single-ended and differential applications. The output current can be directly fed to the load
(e.g., external resistor load or transformer), with no additional external output buffer required. An accurate
on-chip reference and control amplifier allows the user to adjust this output current from 20 mA down to 2 mA,
with no significant degradation of performance. This reduces power consumption and provides 20 dB gain range
control capabilities. Alternatively, an external reference voltage and control amplifier may be applied in
applications using a multiplying DAC.
The THS5641 is available in both a 28-pin SOIC and TSSOP package. The device is characterized for operation
over the industrial temperature range of –40
°C to 85°C.
AVAILABLE OPTIONS
PACKAGE
TA
28-TSSOP
(PW)
28-SOIC
(DW)
–40
°C to 85°C
THS5641IPW
THS5641IDW
functional block diagram
IOUT1
IOUT2
CLK
D[7:0]
EXTLO
DGND
AVDD
EXTIO
COMP2
Current
Source
Array
Output
Current
Switches
AGND
1.2 V
REF
BIASJ
–
+
Control
AMP
0.1
µF
2 k
Ω
I BIAS
COMP1
Logic
Control
50
Ω
1 nF
DVDD
RBIAS
SLEEP
MODE
RLOAD
RLOAD
CEXT
C1
0.1
µF
0.1
µF
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com