Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4601CDDA Datasheet(PDF) 26 Page - Texas Instruments

Part # THS4601CDDA
Description  WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4601CDDA Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS4601CDDA Datasheet HTML 19Page - Texas Instruments THS4601CDDA Datasheet HTML 20Page - Texas Instruments THS4601CDDA Datasheet HTML 21Page - Texas Instruments THS4601CDDA Datasheet HTML 22Page - Texas Instruments THS4601CDDA Datasheet HTML 23Page - Texas Instruments THS4601CDDA Datasheet HTML 24Page - Texas Instruments THS4601CDDA Datasheet HTML 25Page - Texas Instruments THS4601CDDA Datasheet HTML 26Page - Texas Instruments THS4601CDDA Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
THS4601
SLOS388B – OCTOBER 2001 – REVISED JUNE 2002
26
www.ti.com
MECHANICAL DATA
DDA (S–PDSO–G8)
Power PAD
t PLASTIC SMALL-OUTLINE
6,20
5,84
3,81
3,99
4202561/A 02/01
85
14
1,68 MAX
0,13
4,98
4,80
0
°–8°
0,41
0,89
0,25
0,20 NOM
Seating Plane
0,49
0,35
0,03
1,40
1,55
Thermal Pad
(See Note D)
M
0,10
0,10
1,27
Gage Plane
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. The package thermal performance may be enhanced by bonding the thermal pad to an external thermal plane.
This pad is electrically and thermally connected to the backside of the die and possibly selected leads.
PowerPAD is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com