Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT2002L Datasheet(PDF) 6 Page - HYES Optoelectronics, Inc.

Part # HT2002L
Description  LCD MODULE (176RGB220 Dots)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYES [HYES Optoelectronics, Inc.]
Direct Link  http://www.hyesot.com
Logo HYES - HYES Optoelectronics, Inc.

HT2002L Datasheet(HTML) 6 Page - HYES Optoelectronics, Inc.

Back Button HT2002L Datasheet HTML 2Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 3Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 4Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 5Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 6Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 7Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 8Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 9Page - HYES Optoelectronics, Inc. HT2002L Datasheet HTML 10Page - HYES Optoelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
1.4 Block Diagram
G219
G220
G219
G2
G1
LGDP4524
Main LCD Panel
(176×RGB×220)
LED B/L(3LED in parallel)
TECHNICAL SPECIFICATION
Date : Dec. 13, 2007
LCM
HT2002L
Page 6 of 23
S1
176×RGB
S176
G2
G220
S1
S176
A/K1/K2/K3
D15 - D0,
/CS, RS,
/WR, /RD,
VCC (2.8V),
/RESET,
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com