Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7002 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS7002
Description  DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS7002 Datasheet HTML 13Page - Texas Instruments THS7002 Datasheet HTML 14Page - Texas Instruments THS7002 Datasheet HTML 15Page - Texas Instruments THS7002 Datasheet HTML 16Page - Texas Instruments THS7002 Datasheet HTML 17Page - Texas Instruments THS7002 Datasheet HTML 18Page - Texas Instruments THS7002 Datasheet HTML 19Page - Texas Instruments THS7002 Datasheet HTML 20Page - Texas Instruments THS7002 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
THS6002
DUAL DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SLOS202D– JANUARY 1998– REVISED JULY 1999
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 28
t – Time – ns
VCC = ±15 V
Gain = 2
RL = 25 Ω
RF = 1 kΩ
tr/tf= 300 ps
See Figure 3
DRIVER OUTPUT
400 mV STEP RESPONSE
100
–100
0
–200
300
200
0
150
100
50
200
250
350
300
400
450 500
400
–300
–400
Figure 29
t – Time – ns
DRIVER OUTPUT
10 V STEP RESPONSE
2
–2
0
–4
6
4
0
150
100
50
200
250
350
300
400
450 500
8
–6
–8
VCC = ±15 V
Gain = 2
RL = 25 Ω
RF = 1 kΩ
tr/tf= 5 ns
See Figure 3
t – Time – ns
VCC = ±15 V
Gain = 5
RL = 25 Ω
RF = 2 kΩ
tr/tf= 5 ns
See Figure 3
DRIVER OUTPUT
20 V STEP RESPONSE
4
–4
0
–8
12
8
0
150
100
50
200
250
350
300
400
450 500
16
–12
–16
Figure 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com