Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32SERIES Datasheet(PDF) 1 Page - Mallory performance club

Part # 32SERIES
Description  BILLET COMPETITION DISTRIBUTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

32SERIES Datasheet(HTML) 1 Page - Mallory performance club

  32SERIES Datasheet HTML 1Page - Mallory performance club 32SERIES Datasheet HTML 2Page - Mallory performance club 32SERIES Datasheet HTML 3Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BILLET COMPETITION DISTRIBUTOR
SERIES NOS. 81 AND 84
COMP® S/S DISTRIBUTOR
32 SERIES
INSTALLATION INSTRUCTIONS
®
FORM 1104 (REV. C) 01/03
NOTICE: THE COMP® S/S MAGNETIC BREAKERLESS DISTRIBUTOR SERIES AND BILLET COMPETI-
TION DISTRIBUTOR SERIES NOS. 81 AND 84 ARE LEGAL IN CALIFORNIA ONLY FOR RACING
VEHICLES WHICH MAY NEVER BE USED UPON A HIGHWAY. IF THERE ARE ANY QUESTIONS,
PLEASE CONTACT THE FACTORY.
PARTS INCLUDED WITH THIS KIT:
Series Nos. 32 and 84 (Single Pickup)
Series No. 81 (Dual Pickup)
1
Distributor
1
Distributor
1
Distributor Wire Harness Part No. 29788
2
Distributor Wire Harnesses Part No. 29788
GENERAL INFORMATION
Mechanical Advance
Distributor part numbers ending in “1” have 24° (crankshaft degrees)
of mechanical advance. Distributors ending in “05” have 20° (crank-
shaft degrees) of mechanical advance. Both of these may be adjusted
by using Mallory Advance Curve Kit 29014 to fine tune the curve to
your particular engine’s requirements.
Distributor part numbers ending in “04” have locked, 0°, mechanical
advance.
Electronic Ignition Controls
These distributors require the use of a Mallory HYFIRE 6 or 7 Series
Capacitive Discharge Ignition System or a similar type CD ignition.
They cannot be used with just a coil.
Ignition Coils
Use ignition coils recommended by the ignition coil manufacturer for the
particular electronic ignition control.
Spark Plug Wires
YOU MUST USE suppression type (carbon core; spiral core;
suppression core) spark plug wire. We recommend spiral core ig-
nition wire, such as Mallory PRO SIDEWINDER® Ignition Wire. Sup-
pression type spark plug wires prevent false triggering and the possi-
bility of premature ignition or accessory failures.
DO NOT USE solid core (copper core; stainless steel core)
spark plug wire with any electronic ignition system or acces-
sory. Solid core spark plug wire causes radio frequency interference
(ignition noise; static). Radio frequency interference causes false trig-
gering (pre-ignition; spark-scatter) and premature ignition or accessory
failures. Prevent false triggering and the possibility of premature ignition
or accessory failures, use suppression type spark plug wire (carbon
core; spiral core; suppression core). We recommend spiral core igni-
tion wire, such as Mallory PRO SIDEWINDER® Ignition Wire.
Spark Plug Gaps
Experiment with and closely monitor various gaps to achieve maximum
performance. Exceptionally large spark plug gaps lead to problems of
crossfire inside the distributor cap, burnt rotors, spark plug wire failure
and reduced spark plug life. If you are trying to find the ideal spark
plug gap, start at 0.035" and increase 0.005" at a time until elapse
times fall off (or MPH-falls off), the car starts misfiring or the incidence of
failure to the distributor cap, rotor, spark plug wires or spark plugs is
frequent during the race.
Electric Welding
Unplug the distributor wire harness before welding on the vehicle.
Distributor Drive Gear
Bronze distributor gears absorb the increased wear caused by special-
ized camshafts and are easily replaced before costly damage to the cam-
shaft gear occurs. Bronze distributor gears must be checked frequently
and replaced often and are metallurgically compatible with any camshaft.
OLD DISTRIBUTOR REMOVAL
Step 1
Locate the #1 cylinder’s spark plug wire on the original distributor cap.
Mark the distributor cap and the distributor housing, in line with this spark
plug wire position on the distributor cap.
Step 2
Turn the engine crankshaft in the direction of rotation until the timing mark
lines up with the top dead center (TDC) mark on the timing tab.
NOTE: Removing the spark plugs may make it easier to turn
the crankshaft.
Step 3
Remove the distributor cap from the distributor. Do not remove the spark
plug wires or coil wire at this time. The rotor blade should point to the
mark made on the distributor housing (from Step 2). If it is not, turn the en-
gine crankshaft in the direction of rotation one full turn (repeating Step 3)
until the timing mark lines up (again) with the TDC-mark on the timing tab.
NOTE: Once you are finished with step 4, do not turn the
crankshaft until the new distributor is installed.
Step 4
Note the direction the rotor is pointing. If you are replacing a vacuum ad-
vance distributor, disconnect the vacuum hose and plug the source. Re-
move the distributor hold down clamp and remove the distributor from the
engine.


Similar Part No. - 32SERIES

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
32SEPF22M PANASONIC-32SEPF22M Datasheet
52Kb / 1P
Radial Lead Type
32SEPF68M PANASONIC-32SEPF68M Datasheet
52Kb / 1P
Radial Lead Type
logo
List of Unclassifed Man...
32SEQP15M ETC2-32SEQP15M Datasheet
81Kb / 2P
RoHS directive/Halogen-free compliant
logo
Panasonic Semiconductor
32SEQP15M PANASONIC-32SEQP15M Datasheet
527Kb / 9P
Conductive Polymer Aluminum Solid Capacitors
logo
List of Unclassifed Man...
32SEQP18M ETC2-32SEQP18M Datasheet
81Kb / 2P
RoHS directive/Halogen-free compliant
More results

Similar Description - 32SERIES

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
A557 MALLORY-A557 Datasheet
291Kb / 10P
BILLET ALUMINUM DISTRIBUTOR
3248201 MALLORY-3248201 Datasheet
143Kb / 3P
BILLET COMPETITION DISTRIBUTOR
PN8363 MALLORY-PN8363 Datasheet
526Kb / 8P
MSD Pro-Billet Distributor
PN8485 MALLORY-PN8485 Datasheet
281Kb / 8P
MSD Billet VW Distributor
PN8517 MALLORY-PN8517 Datasheet
334Kb / 8P
MSD Pro-Billet V8 Distributor
PN8524 MALLORY-PN8524 Datasheet
625Kb / 8P
MSD Pro-Billet Distributor
PN8560 MALLORY-PN8560 Datasheet
351Kb / 8P
MSD Pro-Billet Marine Distributor
PN8594 MALLORY-PN8594 Datasheet
394Kb / 8P
MSD Pro-Billet Distributor
PN83831 MALLORY-PN83831 Datasheet
394Kb / 8P
MSD Pro-Billet Distributor
PN85806 MALLORY-PN85806 Datasheet
351Kb / 8P
MSD Pro-Billet Marine Distributor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com