Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

90SERIES Datasheet(PDF) 1 Page - Mallory performance club

Part # 90SERIES
Description  POINT TYPE DISTRIBUTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

90SERIES Datasheet(HTML) 1 Page - Mallory performance club

  90SERIES Datasheet HTML 1Page - Mallory performance club 90SERIES Datasheet HTML 2Page - Mallory performance club 90SERIES Datasheet HTML 3Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
COMP 9000™ 90 SERIES
POINT TYPE DISTRIBUTOR
INSTALLATION INSTRUCTIONS
®
FORM 641 (REV. B) 9/99
COMP 9000™ DISTRIBUTOR INSTALLATION
NOTE: The Comp 9000™ adjustment is preset at the factory.
1. Prepare new Comp 9000™ distributor by removing the spark
plug wire retainer and distributor cap.
2. Place the Comp 9000™ distributor into the engine. Do not install
clamp at this time. Raise distributor housing enough to turn rotor,
point rotor blade in direction of original rotor.
3. Seat distributor fully into engine.
NOTE. It may be necessary to turn the oil pump drive with a
long screw driver to fully seat the distributor.
4. Install distributor hold-down clamp. Leave clamp loose enough to
rotate distributor for timing purposes.
5. Install Comp 9000™ distributor cap as follows: move spark plug
wires from old cap to new cap one wire at a time, starting with the
number one cylinder, attach wires to matching terminals on new
cap. Do not attach coil lead at this time.
NOTE: It may be necessary to purchase and install spark plug
wire boots and terminal kit, Mallory part number 669.
6. Install the spark plug wire retainer, then attach coil lead.
7. Attach distributor point harness to negative (–) side of coil.
MALLORY COMP 9000™ SERVICE PARTS
QTY.
DESCRIPTION
PART NO.
1
WIRE RETAINER WITH SCREWS
29744
1
DISTRIBUTOR CAP ASSEMBLY
29745
1
ROTOR ASSEMBLY, RH ROTATION
29772
1
ROTOR ASSEMBLY, LH ROTATION
29773
1
CAP ADAPTER/SHIELD ASSEMBLY W/SCREWS
29748
2
CONTACT POINT SET WITH SCREWS
102 X
1
CONDENSOR WITH BRACKET AND SCREWS
400
1
POINT WIRE HARNESS
29775
1
DISTRIBUTOR CAM GREASE (1/4 OZ TUBE)
26015
OLD DISTRIBUTOR REMOVAL
1. Disconnect distributor point wire from negative (–) side of coil.
2. Rotate engine until timing mark on crank balancer lines up with
TDC mark on timing tab.
3. Remove cap from original distributor. Rotor blade should point to
number one spark plug wire terminal of cap. If not, rotate engine
one full turn until timing marks line up again.
4. Note position of rotor blade, remove hold-down clamp at distribu-
tor base and remove distributor from engine.
STARTING THE ENGINE
CAUTION: Before starting the engine, be sure all tools, wires
and miscellaneous objects are clear of moving engine parts.
1. Connect a timing light. Find the area with the best view of the
timing marks.
2. Crank the engine. If it fails to start, rotate the distributor in small
increments left or right until engine starts. Do not exceed more
than ten degrees of rotation either way.
3. Set timing as recommended by the engine manufacturer, then
tighten the distributor hold down clamp. Make sure timing is still
correct. If timing has moved, repeat this procedure.


Similar Part No. - 90SERIES

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
90SERIES OHMITE-90SERIES Datasheet
377Kb / 2P
Lead Free Vitreous Enamel Molded
More results

Similar Description - 90SERIES

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
1214M MALLORY-1214M Datasheet
193Kb / 12P
DISTRIBUTOR
logo
Fuji Electric
EDS9-24A FUJI-EDS9-24A Datasheet
85Kb / 4P
FC SERIES PT TYPE DISTRIBUTOR (48mm width)
EDS9-25A FUJI-EDS9-25A Datasheet
79Kb / 2P
FC SERIES PT TYPE DISTRIBUTOR (24mm width)
EDS13-8C FUJI-EDS13-8C Datasheet
168Kb / 4P
DISTRIBUTOR
logo
Mallory performance clu...
2367801 MALLORY-2367801 Datasheet
23Kb / 2P
TROUBLESHOOTING GUIDE FOR A POINT STYLE DISTRIBUTOR
3757901 MALLORY-3757901 Datasheet
577Kb / 4P
UNILITE짰 DISTRIBUTOR
4756701 MALLORY-4756701 Datasheet
577Kb / 4P
UNILITE짰 DISTRIBUTOR
logo
Festo Corporation.
6847 FESTO-6847 Datasheet
77Kb / 1P
Distributor
6848 FESTO-6848 Datasheet
77Kb / 1P
Distributor
6849 FESTO-6849 Datasheet
72Kb / 1P
Distributor endpiece
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com