Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

628 Datasheet(PDF) 7 Page - Mallory performance club

Part # 628
Description  RPM ACTIVATED SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

628 Datasheet(HTML) 7 Page - Mallory performance club

Back Button 628 Datasheet HTML 3Page - Mallory performance club 628 Datasheet HTML 4Page - Mallory performance club 628 Datasheet HTML 5Page - Mallory performance club 628 Datasheet HTML 6Page - Mallory performance club 628 Datasheet HTML 7Page - Mallory performance club 628 Datasheet HTML 8Page - Mallory performance club 628 Datasheet HTML 9Page - Mallory performance club 628 Datasheet HTML 10Page - Mallory performance club 628 Datasheet HTML 11Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
PURPLE WIRES
(NOT USED)
ORANGE WIRES (NORMALLY OPEN -
CLOSES/“ON” AT THE RPM SETTING)
TO 12V SOURCE
ORANGE 18AWG
WIRE
PART NO. 628
PART NO. 628
PART NO. 628
PURPLE
WIRES
(NOT
USED)
RED, GREEN AND BLACK
WIRES: SEE PAGES 5-12
ORANGE WIRES (NORMALLY OPEN -
CLOSES/“ON” AT THE RPM SETTING)
TO 12V SOURCE
ORANGE 18AWG
WIRE
(#21)
REMOTE TIMING CONTROL
IGNITION SYSTEM
PART NO. 631
PURPLE WIRES
(NOT USED)
RED, GREEN AND
BLACK WIRES: SEE
TO 12V SOURCE
ORANGE WIRES
TO 12V SOURCE
ORANGE WIRES
ORANGE WIRES:
OR
NOTE: TO TURN LIGHTS “OFF” AT RPM SETTING - EXCHANGE THE ORANGE WIRES AND THE PURPLE WIRES.
RED, GREEN AND BLACK
WIRES: SEE PAGES 5-12
TIMING RETARD “ON”AT RPM SETTING
TIMING CONTROL
“ON”AT RPM SETTING
LIGHT
“ON”AT RPM SETTING
FIGURE 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com