Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

674 Datasheet(PDF) 1 Page - Mallory performance club

Part # 674
Description  VIIC CONTROL UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

674 Datasheet(HTML) 1 Page - Mallory performance club

  674 Datasheet HTML 1Page - Mallory performance club 674 Datasheet HTML 2Page - Mallory performance club 674 Datasheet HTML 3Page - Mallory performance club 674 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
OPERATING INSTRUCTIONS
®
HYFIRE® VIIC CONTROL UNIT
PART NO. 674
RPM Switch:
NOTE: This feature is not available on the HYFIRE® 667C. The built-
in RPM switch can either turn an electrical load off or on at a selected
RPM. See below for more detail.
NC
This is the RPM switch (mode 7) relay contact that is normally
closed. In other words, as long as you haven’t reached the point
where the RPM switch is active, this contact remains connected to
the “common” or “C” terminal. You would use this connection if, for
example, you wanted to turn something OFF (such as a nitrous
system) when you reached the RPM switch point. See example 1.
C
This is the common terminal for the RPM switch (mode 7) relay in
the main unit. It is connected to the RPM switch, where it will switch
the accessory connected to the “NC” terminal OFF, and the acces-
sory connected to the “NO” terminal ON when the RPM switch
value is reached. The “C” terminal can be used to switch either to
power or ground.
NO
This is the RPM switch (mode 7) relay contact that is normally
open. In other words, as long as you haven’t reached the point
where the RPM switch is active, this contact isn’t connected to the
“C” contact. You would use this contact to turn something ON (such
as a shift light or an air shifter) at a specific RPM. See example 2
and example 3.
RPM Limiters:
The HYFIRE® 667C has three built-in RPM limiters. Each one has a range of
1000 to 12,800 RPM in 50 RPM steps. On the main display, there is a decimal
point on the mode digit. When that decimal point is lit up, the RPM limit is
increased by 50 RPM.
RPM1 (Mode 1)This is the RPM limit that is always active if you haven’t
selected any other RPM limit.
RPM2 (Mode 2) This is an auxiliary RPM limiter that is activated when you
apply 12 volts to the “RPM2” terminal on the top-side connector.
This could be a burnout limiter. When selected, it overrides RPM 1
(the main engine protection RPM limiter). See example 4.
RPM3 (Mode 3) This is the other auxiliary RPM limiter. It also is activated
by 12 volts on the “RPM3” terminal on the top-side connector, and
overrides both RPM2 and RPM1. Use this limit as a staging (start-
ing line) RPM limiter. See example 5.
High Speed Timing Retards:
RET1, RET2, RET3 (Modes 4, 5, 6) These are all high-speed timing retard
functions that are activated by 12 volts on the appropriate top-side connector
terminal. Each higher stage overrides the lower stages, which means that
you set each stage for exactly the amount of retard you want, rather than
adding up each stage to get the actual retard. See example 6.
NOTE: When you apply 12 volts to RPM2, RPM3, RET1, RET2, or
RET3 the display will switch to show that function. If you have both
an auxiliary RPM limit AND a retard selected, the display will show
the retard value.
See the accompanying illustrations for some examples of how to use the RPM
limiters, the RPM switch, and the timing retard functions.
®
FIGURE 1
Push this button to change the mode.
Push either of these buttons to change
the value of the mode.
NOTE: If any button is held down for more
than 1/2 second, the displayed value will
change automatically.
FORM #1492 (REV. B) 9/00


Similar Part No. - 674

ManufacturerPart #DatasheetDescription
logo
Littelfuse
674 LITTELFUSE-674 Datasheet
40Kb / 1P
Axial Lead and Cartridge Fuses - Ceramic Body
logo
Labfacility Ltd
674-084 LABFACILITY-674-084 Datasheet
1Mb / 1P
External Cable Clamps
logo
Oscilent Corporation
674-10.5M-33-03 OSCILENT-674-10.5M-33-03 Datasheet
143Kb / 3P
SMD Resonator
674-10.5M-33-03-N-TR OSCILENT-674-10.5M-33-03-N-TR Datasheet
143Kb / 3P
SMD Resonator
674-10.5M-33-03-W-TR OSCILENT-674-10.5M-33-03-W-TR Datasheet
143Kb / 3P
SMD Resonator
More results

Similar Description - 674

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BZW20 SIEMENS-BZW20 Datasheet
80Kb / 3P
control unit
logo
Micronas
CCU3000 MICRONAS-CCU3000 Datasheet
837Kb / 77P
Central Control Unit
logo
NEC
UPD71059 NEC-UPD71059 Datasheet
1Mb / 24P
Interrupt Control Unit
logo
Motorola, Inc
MC14500B MOTOROLA-MC14500B Datasheet
259Kb / 8P
Industrial Control Unit
logo
Pepperl+Fuchs Inc.
IC-KP2-1HB6-V15B PF-IC-KP2-1HB6-V15B Datasheet
772Kb / 4P
Control interface unit
IC-KP2-1HRX-2V1 PF-IC-KP2-1HRX-2V1 Datasheet
720Kb / 4P
Control interface unit
IC-KP-B17-AIDA1 PF-IC-KP-B17-AIDA1 Datasheet
914Kb / 4P
Control interface unit
SB4-OR-4CP-4M PF-SB4-OR-4CP-4M Datasheet
1Mb / 6P
Safety control unit
2023-02-15
SB4-OR-4CP-B-B PF-SB4-OR-4CP-B-B Datasheet
1Mb / 4P
Safety control unit
2023-02-15
SB4-OR-4XP-B-B-B-B PF-SB4-OR-4XP-B-B-B-B Datasheet
1Mb / 7P
Safety control unit
2023-02-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com