| Electronic Components Datasheet Search |
|
THS4041IDRG4 Datasheet(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
THS4041IDRG4 Datasheet(HTML) 13 Page - Texas Instruments |
|
13 / 28 page ![]() THS4041, THS4042 165-MHz C-STABLE HIGH-SPEED AMPLIFIERS SLOS237B– MAY 1999 – REVISED FEBRUARY 2000 13 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION theory of operation The THS404x is a high-speed, operational amplifier configured in a voltage feedback architecture. It is built using a 30-V, dielectrically isolated, complementary bipolar process with NPN and PNP transistors possessing fTs of several GHz. This results in an exceptionally high performance amplifier that has a wide bandwidth, high slew rate, fast settling time, and low distortion. A simplified schematic is shown in Figure 62. IN – (2) IN + (3) NULL (1) NULL (8) (6) OUT (4) VCC – (7) VCC + Figure 62. THS4041 Simplified Schematic noise calculations and noise figure Noise can cause errors on very small signals. This is especially true when amplifying small signals, where signal-to-noise ration (SNR) is very important. The noise model for the THS404x is shown in Figure 63. This model includes all of the noise sources as follows: • e n = Amplifier internal voltage noise (nV/√Hz) • IN+ = Noninverting current noise (pA/√Hz) • IN– = Inverting current noise (pA/√Hz) • e Rx = Thermal voltage noise associated with each resistor (eRx = 4 kTRx ) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |