Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2612 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2612
Description  Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2612 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2612 Datasheet HTML 1Page - KR Electronics, Inc. 2612 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2005, KR Electronics, Inc.
KR Electronics 2612 Bandpass Filter
KR 2612 is a 39 KHz Bandpass Filter. Other center frequencies
and bandwidths are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 6 Pole Response
• 2KΩ Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
35
36
37
38
39
40
41
42
43
Frequency (KHz)
Passband Amplitude
(1 dB/div)
Overall Response
(10 dB/div)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
14
19
24
29
34
39
44
49
54
59
64
Frequency (KHz)


Similar Part No. - 2612

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
2612 YANTEL-2612 Datasheet
148Kb / 2P
SMD RF Manual Tunable Inductor
logo
Adafruit Industries
2612 ADAFRUIT-2612 Datasheet
1Mb / 2P
Flexible 8x8 NeoPixel RGB LED Matrix
1-8-18
logo
C&D Technologies
26120 CANDD-26120 Datasheet
101Kb / 2P
Bobbin Wound Surface Mount Inductors
logo
Wurth Elektronik GmbH &...
2612011021000 WURTH-2612011021000 Datasheet
592Kb / 7P
WIRL-PRO2 Thyone-e radio module 2.4 GHz T&R
2024-09-25 REVISION 001.001
2612011022000 WURTH-2612011022000 Datasheet
812Kb / 7P
WIRL-NFW2 Ophelia-I radio module
001.000
More results

Similar Description - 2612

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com