Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIBPAL22V10ACFN Datasheet(PDF) 13 Page - Texas Instruments

Part # TIBPAL22V10ACFN
Description  HIGH-PERFORMANCE IMPACT E PROGRAMMABLE ARRAY LOGIC CIRCUITS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIBPAL22V10ACFN Datasheet(HTML) 13 Page - Texas Instruments

Back Button TIBPAL22V10ACFN Datasheet HTML 9Page - Texas Instruments TIBPAL22V10ACFN Datasheet HTML 10Page - Texas Instruments TIBPAL22V10ACFN Datasheet HTML 11Page - Texas Instruments TIBPAL22V10ACFN Datasheet HTML 12Page - Texas Instruments TIBPAL22V10ACFN Datasheet HTML 13Page - Texas Instruments TIBPAL22V10ACFN Datasheet HTML 14Page - Texas Instruments TIBPAL22V10ACFN Datasheet HTML 15Page - Texas Instruments TIBPAL22V10ACFN Datasheet HTML 16Page - Texas Instruments TIBPAL22V10ACFN Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TIBPAL22V10C, TIBPAL22V10AC, TIBPAL22V10AM
HIGH-PERFORMANCE IMPACT
™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS024 – D2943, OCTOBER 1986 – REVISED MARCH 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
13
power-up reset
Following power up, all registers are reset to zero. The output level depends on the polarity selected during
programming. This feature provides extra flexibility to the system designer and is especially valuable in
simplifying state-machine initialization. To ensure a valid power-up reset, it is important that the rise of VCC be
monotonic. Following power-up reset, a low-to-high clock transition must not occur until all applicable input and
feedback setup times are met.
1.5 V
tsu ‡
tpd †
tw
VOL
VOH
VIL
VIH
5 V
VCC
Active High
Registered Output
Active Low
Registered Output
CLK
4 V
VOH
VOL
1.5 V
1.5 V
(600 ns typ, 1000 ns MAX)
State Unknown
1.5 V
State Unknown
† This is the power-up reset time and applies to registered outputs only. The values shown are from characterization data.
‡ This is the setup time for input or feedback.
Figure 3. Power-Up Reset Waveforms
programming information
Texas Instruments programmable logic devices can be programmed using widely available software and
inexpensive device programmers.
Complete programming specifications, algorithms, and the latest information on hardware, software, and
firmware are available upon request. Information on programmers capable of programming Texas Instruments
programmable logic is also available, upon request, from the nearest TI field sales office, local authorized TI
distributor, or by calling Texas Instruments at (214) 997-5666.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com