Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2695 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2695
Description  Lowpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2695 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2695 Datasheet HTML 1Page - KR Electronics, Inc. 2695 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2006, KR Electronics, Inc.
CH1
S 21
log MAG
.5 dB/
REF 0 dB
START
.100 000 MHz
STOP 10.000 000 MHz
Cor
PRm
24 May 2006 16:45:10
CH1
S 21
log MAG
10 dB/
REF 0 dB
START
1.000 000 MHz
STOP 400.000 000 MHz
25 May 2006 17:09:06
KR Electronics
KR 2695 is a 9.4 MHz surface mount lowpass filter. Other
frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
• 9.4 MHz Cutoff Frequency
• High Stopband Rejection
• Surface Mount Package
• 50 Ω Source and Load
Typical Performance
www.krfilters.com
Passband Amplitude
(0.5 dB/div)
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2695

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2695 ETC2-2695 Datasheet
1Mb / 16P
Its a complete tool kit that fits in your palm.
logo
Heyco.
2695 HEYCO-2695 Datasheet
89Kb / 1P
Stock and Custom* Colors for Dome Plugs and Shorty Plugs
logo
Kemet Corporation
2695 KEMET-2695 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
logo
Molex Electronics Ltd.
2695 MOLEX-2695 Datasheet
32Kb / 1P
2.54mm (.100") Pitch KK® Crimp Terminal Housing
2695-02 MOLEX2-2695-02 Datasheet
418Kb / 4P
2.54mm (.100) Pitch KK짰 Crimp Terminal Housing, 2 Circuits, Use with 2759|41572|6459
More results

Similar Description - 2695

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com