Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP0V Datasheet(PDF) 1 Page - Ralston Instruments.

Part # AP0V
Description  Pneumatic Hand Pumps with no Gauge Connection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

AP0V Datasheet(HTML) 1 Page - Ralston Instruments.

  AP0V Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.ralstoninst.com
1.800.347.6575
R alston Instruments, LLC
Pneumatic Hand Pumps with no Gauge Connection (scissor handle)
AP0V (300 psi / 20 bar)
Specifications
Maximum pressure
300 psi (20 bar)
Style
Scissor handle
Pressure media
Air
Fine adjust resolution
± 0.01 psi (0.7 mbar)
Reference connection (brass)
None
Outlet port 1 (brass)
Male Quick-test (QTHA-3SB0)
Outlet port 2 (brass)
Male Quick-test with check-valve (QTHA-3SB1)
Calibration hose (brass ends)
(1) 3 ft (92 cm) long (QTQT-HOS-3’)
Process connection (brass)
(1) 1/4” male NPT (QTHA-2MB0)
Construction
Aluminum, brass, plated steel
Seal material
Buna-N,Teflon™, Delrin™
Weight
1.2 lb (540 g)
Ordering Information
Model
Description
AP0V-0000
APOV pump, hose, NPT process connection
For accessories, repair kits and hoses see page 17. For a complete list of accessories and parts see product manual or detailed specification sheet.
For a list of the most commonly used gauge and process connections see page 18. For a complete list refer to Ralston Instruments Pressure
Connection catalog. Contact your Ralston Instruments dealer or the factory for information on reference gauges and pressure calibration kits.
The quickest and most economical way to perform
pneumatic field pressure calibrations on pressure
transmitters, switches or gauges using an external
pressure calibrator as the reference.
Features:
• Pressurecalibrationcanbeperformedwithoutelec-
tricity or nitrogen to 300 psi
• Twooutletportsallowtheusertoattachpumpto
both device under test and external pressure refer-
ence thus eliminating a tee
• Fineadjustmentpistonallowstheusertoachievean
exact pressure for cardinal point pressure calibrations
• Preciselyventpressurewithsoftseatedbleedvalve
• LowvolumeQuick-testhose,gaugeadapterand
process connection can be attached to pump without
thread sealant or a wrench
• Rugged,allmetalconstructionimprovestemperature
and pressure stability
• MadeinU.S.A.


Similar Part No. - AP0V

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
AP00458 PROSIGNAL-AP00458 Datasheet
210Kb / 1P
Lead - Coaxial TV P-P
24/09/12 V1.0
AP00459 PROSIGNAL-AP00459 Datasheet
172Kb / 1P
Lead - Coaxial TV P-P
V1.0 17/09/12
AP00460 PROSIGNAL-AP00460 Datasheet
214Kb / 1P
Lead - Coaxial TV P-S
12/09/12 V1.0
AP00462 PROSIGNAL-AP00462 Datasheet
167Kb / 1P
Lead - Coaxial TV
V1.0 17/09/12
AP00463 PROSIGNAL-AP00463 Datasheet
172Kb / 1P
Lead - Coaxial TV P-P
V1.0 17/09/12
More results

Similar Description - AP0V

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
APGV RALSTON-APGV Datasheet
409Kb / 1P
Pneumatic Hand Pumps with Gauge Connection
DP0V RALSTON-DP0V Datasheet
371Kb / 1P
Pneumatic Hand Pumps
DPPV RALSTON-DPPV Datasheet
363Kb / 1P
Pneumatic Pressure / Vacuum Hand Pumps
HPGV RALSTON-HPGV Datasheet
541Kb / 1P
Hydraulic Hand Pumps with Gauge Connection
NPAK-TRS0 RALSTON-NPAK-TRS0 Datasheet
558Kb / 1P
Trap with no top connection, no bottom connection
DP0V-0000 RALSTON-DP0V-0000 Datasheet
321Kb / 1P
DP0V pump, no gauge adapter, with hose and process connection
DPPV-0000 RALSTON-DPPV-0000 Datasheet
319Kb / 1P
DPPV pump, no gauge adapter, with hose and process connection
DV0V-0000 RALSTON-DV0V-0000 Datasheet
321Kb / 1P
DV0V pump, no gauge adapter, with hose and process connection
HPGV-0000 RALSTON-HPGV-0000 Datasheet
347Kb / 1P
Pressure source and gauge in one hand Directly connect to a process connection and calibrate using your precision gauge.
HPGV-3KPSIG-D RALSTON-HPGV-3KPSIG-D_14 Datasheet
566Kb / 2P
Pressure source and gauge in one hand Directly connect to a process connection and calibrate using your precision gauge.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com