Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QTCM Datasheet(PDF) 1 Page - Ralston Instruments.

Part # QTCM
Description  Nitrogen Calibration Manifolds
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

QTCM Datasheet(HTML) 1 Page - Ralston Instruments.

  QTCM Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.ralstoninst.com
1.800.347.6575
R alston Instruments, LLC
Nitrogen Calibration Manifolds
QTCM (3000 psi / 210 bar), QSCM (5000 psi / 350 bar)
Specifications
Type of Manifold
QTCM (brass) manifolds
QSCM (stainless steel) manifolds
Maximum pressure
3000 psi (210 bar)
5000 psi (350 bar)
Pressure media
Compressed nitrogen
Compressed nitrogen
Fine adjust resolution
± 0.1 psi (6.9 mbar)
± 0.1 psi (6.9 mbar)
Reference connection
Brass - see below
Stainless steel - see below
Inlet port
Female Quick-test, brass (QTHA-3SBA)
Female Quick-test, stainless steel (QTHA-3SSA)
Outlet ports
(2) male Quick-test, brass (QTHA-3SB0)
(2) male Quick-test, stainless (QTHA-3SS0)
Quick-test inlet hose
20’ (6.1 m) long with check-valve 1 end, brass (QTQC-HOS-20’)
20’ (6.1 m) long, check-valve 1 end, stainless steel (QTQN-HOS-20’)
Quick-test outlet hose
2’ (0.6 m) long, brass (QTQT-HOS-2’)
2’ (0.6 m) long, stainless steel (QSQS-HOS-2’)
Process connections
(2) 1/4” male NPT, brass (QTHA-2MB0)
(2) 1/4” male NPT, stainless steel (QTHA-2MS0)
Construction
Brass, stainless steel fine adjust assembly
Stainless steel
Seal material
Buna-N,Teflon™, Delrin™
Buna-N,Teflon™, Delrin™
Weight
2.2 lb (1.0 kg)
2.2 lb (1.0 kg)
Ordering information
QTCM (brass) manifolds with NPT connections:
Model
Description
QTCM-1MBA-20’-2’
1/8” male NPT, gauge adapter (QTHA-1MBA), 2 hoses, 2 process connections
QTCM-2MBA-20’-2’
1/4” male NPT, gauge adapter (QTHA-2MBA), 2 hoses, 2 process connections
QTCM-2FBA-20’-2’
1/4” female NPT, gauge adapter (QTHA-2FBA), 2 hoses, 2 process connections
QTCM-0000-0-0
QTCM only, no gauge adapter, no hoses, no process connections
QSCM (stainless steel) manifolds with NPT connections
Model
Description
QSCM-1MSA-20’-2’
1/8” male NPT, gauge adapter (QTHA-1MSA), 2 hoses, 2 process connections
QSCM-2MSA-20’-2’
1/4” male NPT, gauge adapter (QTHA-2MSA), 2 hoses, 2 process connections
QSCM-2FSA-20’-2’
1/4” female NPT, gauge adapter (QTHA-2FSA), 2 hoses, 2 process connections
QSCM-0000-0-0
QSCM only, no gauge connection, no hoses, no process connections
For manifolds with custom length hoses change first hose (inlet) or second hose (outlet) to desired length. Contact your Ralston Instruments dealer or the
factory for pricing on custom length hoses. For accessories, repair kits and hoses see page 17. For a complete list of accessories and parts see product manual or
detailed specification sheet. For a list of the most commonly used gauge and process connections see page 18. For a complete list refer to Ralston Instruments
Pressure Connection catalog. Contact your Ralston Instruments dealer or the factory for information on reference gauges and pressure calibration kits.
The most economical solution for doing static pressure
calibrations with compressed nitrogen gas.
Features:
• Availableinbothbrass(3000psi/210bar)andstainlesssteel(5000
psi / 350 bar) models
• Fineadjustmentpistonprovidesprecisepressurecontrolinsteadof
trying to make adjustments with a pressure regulator and a needle
valve
• Soft-seatedvalvesmakefillingandventingthesystemveryprecise
• Compactdesignallowsthemanifold,gaugeadapterandhosestofit
in the included nylon bag
• Becausepressureiscontrolledatthedeviceundertest,thenitrogen
cylinder can be mounted on a truck
• LowvolumeQuick-testhose,gaugeadapterandprocessconnection
reduce gas usage and make nitrogen cylinders last longer
• MadeinU.S.A.


Similar Part No. - QTCM

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTCM-0000-0-0 RALSTON-QTCM-0000-0-0 Datasheet
353Kb / 1P
QTCM manifold only, no gauge adapter, no hoses, no process connections, no bag
QTCM-0016V RALSTON-QTCM-0016V Datasheet
294Kb / 1P
QTCM calibration manifold body, brass
QTCM-0021 RALSTON-QTCM-0021 Datasheet
324Kb / 1P
QTCM fill valve assembly, brass
QTCM-0026 RALSTON-QTCM-0026 Datasheet
293Kb / 1P
Replacement vernier for QTCM manifolds, brass
QTCM-1KPSIG-D RALSTON-QTCM-1KPSIG-D Datasheet
373Kb / 1P
QTCM manifold, 1KPSIG digital gauge kit
More results

Similar Description - QTCM

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
NPAK RALSTON-NPAK Datasheet
1Mb / 2P
Pressure Calibration Nitrogen Sources
NPAK-1KPSIG-D RALSTON-NPAK-1KPSIG-D Datasheet
427Kb / 1P
NPAK Nitropak nitrogen calibration source, 1KPSIG digital gauge kit
NPAK-1KPSIG-M RALSTON-NPAK-1KPSIG-M Datasheet
427Kb / 1P
NPAK Nitropak nitrogen calibration source, 1KPSIG analog gauge kit
NPAK-3KPSI-D RALSTON-NPAK-3KPSI-D Datasheet
427Kb / 1P
NPAK Nitropak nitrogen calibration source, 3KPSIG digital gauge kit
NPAK-3KPSIG-M RALSTON-NPAK-3KPSIG-M Datasheet
427Kb / 1P
NPAK nitrogen calibration source, 3KPSIG analog gauge kit
NPAK-REPK RALSTON-NPAK-REPK Datasheet
311Kb / 1P
NPAK nitrogen calibration source repair kit
logo
TT Electronics.
DS1581 TTELEC-DS1581 Datasheet
325Kb / 1P
2, 3 & 5 Valve Manifolds
logo
Figaro Engineering Inc.
FECS42-20 FIGARO-FECS42-20 Datasheet
348Kb / 2P
Detection of Nitrogen Dioxide
logo
Zhengzhou Winsen Electr...
ME4-NO2 WINSEN-ME4-NO2 Datasheet
625Kb / 6P
Nitrogen Dioxide Gas Sensor
logo
Greystone Energy System...
NDD5B1100 GREYSTONE-NDD5B1100 Datasheet
189Kb / 1P
NITROGEN DIOXIDE DETECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com