Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP0V-2MBA Datasheet(PDF) 1 Page - Ralston Instruments.

Part # DP0V-2MBA
Description  DP0V pump
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

DP0V-2MBA Datasheet(HTML) 1 Page - Ralston Instruments.

  DP0V-2MBA Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DP0V-2MBA
Part No.
DP0V-2MBA
DP0V pump, 1/4" male NPT gauge adapter, hose, process
connection
Perform very precise low pressure calibration
or differential pressure calibration using an
attached gauge or calibrator (gauge and
calibrator not included)
Features
• Light weight, compact pump generates up to 100 psi (7 bar)
with ease
• Large volume fine adjustment piston provides precise control,
even at very low pressures
• Modular design makes field maintenance quick and easy
• Precisely vent pressure with soft seated bleed valve
• Two outlet ports provide connections for both pressure
reference and for device under test thus eliminating a tee
• Low volume Quick-test hose, gauge adapter and process
connection can be attached to pump without thread sealant
or a wrench
• Rugged, all metal construction reduces pressure changes
due to temperature fluctuations
• Made in U.S.A.
Item Includes
• Hand Pump - DP0V Assembly (DP0V)
• Gauge Adapter - 1/4" male NPT x male female QT, no check-valve, brass (QTHA-2MBA)
• Hose - Quick-test hose, brass hose ends, 3 ft (92 cm) long (QTQT-HOS-3ft)
• Hose Adapter - 1/4" male NPT x male QT, no check-valve, brass (QTHA-2MB0)
Specifications
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Pressure Range
0 to 100 psi (0 to 7 bar)
Media
Air
Outlet Port1
Male Quick-test, brass
Outlet Port2
Male Quick-test with cap and chain, brass
Temperature Range
0 to 130 °F (-18 to 54 °C)
Construction
Anodized Aluminum, Brass, Stainless Steel
Seal Materials
Buna-N, Delrin, Teflon
Fine Adjust Resolution
±0.01 psi
Weight
1.6 lb (0.7 kg)
Dimensions
H: 2.88 in (7.3152 cm) x W: 7.93 in (20.1422 cm) x D: 3.5 in (8.89 cm)


Similar Part No. - DP0V-2MBA

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
DP0V-2MBA RALSTON-DP0V-2MBA_14 Datasheet
321Kb / 1P
DP0V (100 psi / 7 bar) pump, 1/4" male NPT gauge adapter, 3ft hose, 1/4" MNPT process conn.
DP0V-2MBA RALSTON-DP0V-2MBA_16 Datasheet
321Kb / 1P
Light weight, compact pump generates up to 125 psi (8.6 bar) with ease
More results

Similar Description - DP0V-2MBA

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
DP0V-1MBA RALSTON-DP0V-1MBA Datasheet
321Kb / 1P
DP0V pump
DP0V-2FBA RALSTON-DP0V-2FBA Datasheet
321Kb / 1P
DP0V pump
DP0V-2FBA-RG RALSTON-DP0V-2FBA-RG Datasheet
321Kb / 1P
DP0V pump
DP0V-3FBA-RG RALSTON-DP0V-3FBA-RG Datasheet
321Kb / 1P
DP0V pump
DP0V-4FBA-RG RALSTON-DP0V-4FBA-RG Datasheet
321Kb / 1P
DP0V pump
DP0V-0005 RALSTON-DP0V-0005 Datasheet
284Kb / 1P
DP0V pump body, aluminum
DP0V-15PSIG-M RALSTON-DP0V-15PSIG-M Datasheet
332Kb / 2P
DP0V (100 psi / 7 bar) pump, 15 psi analog gauge
DP0V-100PSIG-M RALSTON-DP0V-100PSIG-M Datasheet
332Kb / 2P
DP0V (100 psi / 7 bar) pump, 100 psi analog gauge
DP0V-REPK RALSTON-DP0V-REPK Datasheet
309Kb / 1P
DP0V pump repair kit
DP0V-CASE RALSTON-DP0V-CASE Datasheet
206Kb / 1P
DP0V, DPPV pump carrying case holds (1) pump, (2) gauges, ABS plastic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com