Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPPV-2FBA-RG Datasheet(PDF) 1 Page - Ralston Instruments.

Part # DPPV-2FBA-RG
Description  DPPV pump
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

DPPV-2FBA-RG Datasheet(HTML) 1 Page - Ralston Instruments.

  DPPV-2FBA-RG Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DPPV-2FBA-RG
Part No.
DPPV-2FBA-RG
DPPV pump, 1/4" female BSPP gauge adapter, hose, process
connection
Create pressure or vacuum and calibrate
instrumentation using a pressure gauge or
calibrator attached to the pump (gauge or
calibrator not included)
Features
• Generate either 100 psi (7 bar) pressure or -25” Hg (-635 mm
Hg) vacuum with the same pump
• Unique design allows the user to convert from pressure to
vacuum by simply twisting a knob, even with gloves on
• Two outlet ports allow connection to reference pressure
gauge or pressure calibrator as well as device under test,
thus eliminating a tee
• Large volume fine adjustment piston provides precise control,
even at very low pressures
• Precisely vent pressure with soft seated bleed valve
• Made in U.S.A.
Item Includes
• Hand Pump - DPPV Assembly (DPPV)
• Gauge Adapter - G 1/4" female BSPP (ISO 228/1) x female QT, no check-valve, brass (QTHA-2FBA-RG)
• Hose - Quick-test hose, brass hose ends, 1 m (3.3 ft) long (QTQT-HOS-1m)
• Hose Adapter - G 1/4" female BSPP (ISO 228/1) x male QT, no check-valve, brass (QTHA-2FB0-RG)
Specifications
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Pressure Range
0 to 100 psi (0 to 7 bar)
Vacuum Range
0 to 23"Hg (0 to 584 mmHG)
Media
Air
Outlet Port1
Male Quick-test, brass
Outlet Port2
Male Quick-test with cap and chain, brass
Temperature Range
0 to 130 °F (-18 to 54 °C)
Construction
Anodized Aluminum, Brass, Stainless Steel
Seal Materials
Buna-N, Delrin, Teflon
Fine Adjust Resolution
±0.01 psi
Weight
1.87 lb (0.8 kg)
Dimensions
H: 3.63 in (9.2202 cm) x W: 8.5 in (21.59 cm) x D: 3.63 in (9.2202 cm)


Similar Part No. - DPPV-2FBA-RG

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
DPPV-2FBA RALSTON-DPPV-2FBA Datasheet
319Kb / 1P
DPPV pump
More results

Similar Description - DPPV-2FBA-RG

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
DP0V-0010 RALSTON-DP0V-0010 Datasheet
316Kb / 1P
DPPV fine adjustment vernier assembly
DPPV-0000 RALSTON-DPPV-0000 Datasheet
319Kb / 1P
DPPV pump, no gauge adapter, with hose and process connection
DPPV-1MBA RALSTON-DPPV-1MBA Datasheet
319Kb / 1P
DPPV pump
DPPV-2FBA RALSTON-DPPV-2FBA Datasheet
319Kb / 1P
DPPV pump
DPPV-2MBA RALSTON-DPPV-2MBA Datasheet
319Kb / 1P
DPPV pump
DPPV-3FBA-RG RALSTON-DPPV-3FBA-RG Datasheet
319Kb / 1P
DPPV pump
DPPV-4FBA-RG RALSTON-DPPV-4FBA-RG Datasheet
319Kb / 1P
DPPV pump
DPPV-0005 RALSTON-DPPV-0005 Datasheet
284Kb / 1P
DPPV pump body, aluminum
DPPV-0040 RALSTON-DPPV-0040 Datasheet
311Kb / 1P
DPPV pressure check valve assembly
DP0V-CASE RALSTON-DP0V-CASE Datasheet
206Kb / 1P
DP0V, DPPV pump carrying case holds (1) pump, (2) gauges, ABS plastic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com