Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GFC264 Datasheet(PDF) 1 Page - Gunter Seniconductor GmbH.

Part # GFC264
Description  N Channel Power MOSFET with extremely low RDS(ON)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

GFC264 Datasheet(HTML) 1 Page - Gunter Seniconductor GmbH.

  GFC264 Datasheet HTML 1Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
GFC264
N Channel Power MOSFET with extremely low RDS(ON)
Chip Specification
General Description:
* Advanced Process Technology
* Dynamic dV/dt Rating
* 150℃
℃
℃
℃ Operating Temperature
* Fast Switching
* Fully Avalanche Rated
* Extremely low RDS(ON)
Mechanical Data:
D31
Dimension
6.53mm x 9.15mm
Thickness:
480
µµµµm
Metallization:
Top :
:
Al
Backside :
CrNiAg / Au
Suggested Bonding Conditions:
Die Mounting:
Solder Perform
95/5 PbSn or 92.5./2.5/5 PbAgIn
Source Bonding Wire:
25 mil Al
Absolute Maximum Rating
@Ta=25℃
℃
℃
℃
Characteristics
Symbol
Limit
Unit
Test Conditions
Drain-to-Source Breakdown Voltage
V(BR)DSS
250
V
VGS=0V, ID=250
µΑ
Static Drain-to - Source On-resistance
RDS(ON)
0.075
Ω
VGS=10V, ID=23
Α
Continuous Drain current ( in target package)
ID@25℃
38
A
VGS=10V
Continuous Drain current ( in target package)
ID@100℃
24
A
VGS=10V
Operation Junction
Tj
-55~150
℃
Storage Temperature
TSTR
-55~150
℃
Target Device: IRFP264
TO-247AC
PD
280
W
@Tc=25℃


Similar Part No. - GFC264

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
GFC260 GSG-GFC260 Datasheet
102Kb / 1P
N Channel Power MOSFET with extremely low RDS(ON)
More results

Similar Description - GFC264

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
GFC034 GSG-GFC034 Datasheet
102Kb / 1P
N Channel Power MOSFET with extremely low RDS(on)
GFC044 GSG-GFC044 Datasheet
142Kb / 1P
N Channel Power MOSFET with extremely low RDS(on)
GFC048 GSG-GFC048 Datasheet
126Kb / 1P
N Channel Power MOSFET with extremely low RDS(on)
GFC054 GSG-GFC054 Datasheet
107Kb / 1P
N Channel Power MOSFET with extremely low RDS(ON)
GFC064 GSG-GFC064 Datasheet
110Kb / 1P
N Channel Power MOSFET with extremely low RDS(ON)
GFC140 GSG-GFC140 Datasheet
99Kb / 1P
N Channel Power MOSFET with extremely low RDS(on)
GFC150 GSG-GFC150 Datasheet
114Kb / 1P
N Channel Power MOSFET with extremely low RDS(ON)
GFC240 GSG-GFC240 Datasheet
102Kb / 1P
N Channel Power MOSFET with extremely low RDS(on)
GFC244 GSG-GFC244 Datasheet
102Kb / 1P
N Channel Power MOSFET with extremely low RDS(on)
GFC260 GSG-GFC260 Datasheet
102Kb / 1P
N Channel Power MOSFET with extremely low RDS(ON)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com