Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GFC360 Datasheet(PDF) 1 Page - Gunter Seniconductor GmbH.

Part # GFC360
Description  N Channel Power MOSFET with high VDS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

GFC360 Datasheet(HTML) 1 Page - Gunter Seniconductor GmbH.

  GFC360 Datasheet HTML 1Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
GFC360
N Channel Power MOSFET with high VDS
Chip Specification
General Description:
* Advanced Process Technology
* Dynamic dV/dt Rating
* 150℃
℃
℃
℃ Operating Temperature
* Fast Switching
* Fully Avalanche Rated
Mechanical Data:
D31
Dimension
6.53mm x9.15mm
Thickness:
400
µµµµm
Metallization:
Top :
:
Al
Backside :
CrNiAg / Au
Suggested Bonding Conditions:
Die Mounting:
Solder Perform
95/5 PbSn or 92.5./2.5/5 PbAgIn
Source Bonding Wire:
25mil Al
Absolute Maximum Rating
@Ta=25℃
℃
℃
℃
Characteristics
Symbol
Limit
Unit
Test Conditions
Drain-to-Source Breakdown Voltage
V(BR)DSS
400
V
VGS=0V, ID=250
µΑ
Static Drain-to - Source On-resistance
RDS(ON)
0.2
Ω
VGS=10V, ID=14
Α
Continuous Drain current ( in target package)
ID@25℃
23
A
VGS=10V
Continuous Drain current ( in target package)
ID@100℃
14
A
VGS=10V
Operation Junction
Tj
-55~150
℃
Storage Temperature
TSTR
-55~150
℃
Target Device: IRFP360
TO-247AC
PD
280
W
@Tc=25℃


Similar Part No. - GFC360

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
GFC310 GSG-GFC310 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC320 GSG-GFC320 Datasheet
102Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
GFC340 GSG-GFC340 Datasheet
103Kb / 1P
N Channel Power MOSFET with low RDS(on)
GFC350 GSG-GFC350 Datasheet
113Kb / 1P
N Channel Power MOSFET
More results

Similar Description - GFC360

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
GFC460 GSG-GFC460 Datasheet
102Kb / 1P
N Channel Power MOSFET with high VDS
logo
Leshan Radio Company
LN2306ELT1G LRC-LN2306ELT1G Datasheet
715Kb / 5P
N-Channel 30V(D-S) MOSFET VDS= 30V
LNB2294LT1G LRC-LNB2294LT1G Datasheet
606Kb / 5P
110V N-Channel Enhancement-Mode MOSFET VDS= 110V
LP137N3T5G LRC-LP137N3T5G Datasheet
563Kb / 6P
20V P-Channel Enhancement MOSFET VDS = -20V
LP2035LT1G LRC-LP2035LT1G Datasheet
947Kb / 5P
20V P-Channel MOSFET VDS =-20V
LP2323LT1G LRC-LP2323LT1G Datasheet
424Kb / 3P
12V P-Channel Enhancement MOSFET VDS =-12V
LP3443LT1G LRC-LP3443LT1G Datasheet
338Kb / 6P
20V P-Channel Enhancement-Mode MOSFET VDS = -20V
LP4217T1G LRC-LP4217T1G Datasheet
256Kb / 3P
20V P-Channel (D-S) MOSFET VDS = -20V
LPB3408LT1G LRC-LPB3408LT1G Datasheet
525Kb / 5P
30V P-Channel (D-S) MOSFET VDS = -30V
S-LP3407LT1G LRC-S-LP3407LT1G Datasheet
476Kb / 6P
30V P-Channel Enhancement-Mode MOSFET VDS = -30V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com