Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL084 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL084
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL084 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL084 Datasheet HTML 4Page - Texas Instruments TL084 Datasheet HTML 5Page - Texas Instruments TL084 Datasheet HTML 6Page - Texas Instruments TL084 Datasheet HTML 7Page - Texas Instruments TL084 Datasheet HTML 8Page - Texas Instruments TL084 Datasheet HTML 9Page - Texas Instruments TL084 Datasheet HTML 10Page - Texas Instruments TL084 Datasheet HTML 11Page - Texas Instruments TL084 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
electrical characteristics, VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TL081C
TL082C
TL084C
TL081AC
TL082AC
TL084AC
TLO81BC
TL082BC
TL084BC
TL081I
TL082I
TL084I
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VO =0
RS =50 Ω
25
°C
3
15
3
6
2
3
3
6
mV
VIO
Input offset voltage
VO = 0
RS = 50 Ω
Full range
20
7.5
5
9
mV
αVIO
Temperature
coefficient of input
offset voltage
VO = 0
RS = 50 Ω Full range
18
18
18
18
µV/°C
IIO
Input offset current ‡
VO =0
25
°C
5
200
5
100
5
100
5
100
pA
IIO
Input offset current ‡
VO = 0
Full range
2
2
2
10
nA
IIB
Input bias current ‡
VO =0
25
°C
30
400
30
200
30
200
30
200
pA
IIB
Input bias current ‡
VO = 0
Full range
10
7
7
20
nA
VICR
Common-mode input
voltage range
25
°C
±11
–12
to
15
±11
–12
to
15
±11
–12
to
15
±11
–12
to
15
V
Mi
k
RL = 10 kΩ
25
°C
±12 ±13.5
±12 ±13.5
±12 ±13.5
±12 ±13.5
VOM
Maximum peak
output voltage swing
RL ≥ 10 kΩ
Full range
±12
±12
±12
±12
V
out ut voltage swing
RL ≥ 2 kΩ
Full range
±10
±12
±10
±12
±10
±12
±10
±12
AVD
Large-signal
differential voltage
VO = ± 10 V, RL ≥ 2 kΩ
25
°C
25
200
50
200
50
200
50
200
V/mV
AVD
differential voltage
amplification
VO = ± 10 V, RL ≥ 2 kΩ
Full range
15
25
25
25
V/mV
B1
Unity-gain bandwidth
25
°C
3
3
3
3
MHz
ri
Input resistance
25
°C
1012
1012
1012
1012
Ω
CMRR
Common-mode
VIC = VICRmin,
25
°C
70
86
75
86
75
86
75
86
dB
CMRR
rejection ratio
VO = 0,
RS = 50 Ω
25
°C
70
86
75
86
75
86
75
86
dB
kSVR
Supply voltage
rejection ratio
VCC = ± 15 V to ± 9 V,
25
°C
70
86
80
86
80
86
80
86
dB
kSVR
rejection ratio
(
∆VCC± /∆VIO)
VO = 0,
RS = 50 Ω
25
°C
70
86
80
86
80
86
80
86
dB
ICC
Supply current
(per amplifier)
VO = 0,
No load
25
°C
1.4
2.8
1.4
2.8
1.4
2.8
1.4
2.8
mA
VO1/VO2 Crosstalk attenuation
AVD = 100
25
°C
120
120
120
120
dB
† All characteristics are measured under open-loop conditions with zero common-mode voltage unless otherwise specified. Full range for TA is 0°C to 70°C for TL08_C, TL08_AC,
TL08_BC and – 40
°C to 85°C for TL08_I.
‡ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive as shown in Figure 17. Pulse techniques must be used
that maintain the junction temperature as close to the ambient temperature as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com