Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL088ID Datasheet(PDF) 11 Page - Texas Instruments

Part # TL088ID
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL088ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL088ID Datasheet HTML 7Page - Texas Instruments TL088ID Datasheet HTML 8Page - Texas Instruments TL088ID Datasheet HTML 9Page - Texas Instruments TL088ID Datasheet HTML 10Page - Texas Instruments TL088ID Datasheet HTML 11Page - Texas Instruments TL088ID Datasheet HTML 12Page - Texas Instruments TL088ID Datasheet HTML 13Page - Texas Instruments TL088ID Datasheet HTML 14Page - Texas Instruments TL088ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TL087, TL088, TL287, TL288
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS082A – D2484, MARCH 1979 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
11
TYPICAL CHARACTERISTICS†
250
0.4
0
RL – Load Resistance – kΩ
50
100
150
200
1
4
10
40
VO = ± 1 V
TA = 25°C
VCC
± = ±15 V
VCC
± = ±5 V
–75
–16
TA – Free-Air Temperature – °C
125
16
–50
–25
0
25
50
75
100
–12
–8
–4
0
4
8
12
RL = 2 kΩ
RL = 10 kΩ
RL = 10 kΩ
VCC
± = ±15 V
VOM +
VOM –
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
LARGE-SIGNAL VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
100
RL = 2 kΩ
Figure 18
Figure 19
10
f – Frequency – Hz
10 M
106
100
1 k
10 k
100 k
1 M
0.1
1
101
104
105
–75
10
125
1000
–50
–25
0
25
50
75
100
40
100
400
102
103
AVD
Phase Shift
VCC
± = ±15 V
VO = ± 10 V
RL = 2 kΩ
TA – Free-Air Temperature – °C
0
°
30
°
60
°
90
°
120
°
150
°
180
°
RL = 10 kΩ
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
LARGE-SIGNAL VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
VCC
± = ±15 V
RL = 2 kΩ
CL = 25 pF
TA = 25°C
Figure 20
Figure 21
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com