Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GFCE40 Datasheet(PDF) 1 Page - Gunter Seniconductor GmbH.

Part # GFCE40
Description  N Channel Power MOSFET , with high breakdown voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

GFCE40 Datasheet(HTML) 1 Page - Gunter Seniconductor GmbH.

  GFCE40 Datasheet HTML 1Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
GFCE40
N Channel Power MOSFET , with high breakdown voltage
Chip Specification
General Description:
* Advanced Process Technology
* Dynamic dV/dt Rating
* 175℃
℃
℃
℃ Operating Temperature
* Fast Switching
* Fully Avalanche Rated
* High breakdown voltage
Mechanical Data:
D23
Dimension 5.64mm x 5.64mm
Thickness:
480
µµµµm
Metallization:
Top :
:
Al
Backside :
CrNiAg / Au
Suggested Bonding Conditions:
Die Mounting:
Solder Perform
95/5 PbSn or 92.5./2.5/5 PbAgIn
Source Bonding Wire:
10 mil Al
Absolute Maximum Rating
@Ta=25℃
℃
℃
℃
Characteristics
Symbol
Limit
Unit
Test Conditions
Drain-to-Source Breakdown Voltage
V(BR)DSS
800
V
VGS=0V, ID=250
µΑ
Static Drain-to - Source On-resistance
RDS(ON)
2
Ω
VGS=10V, ID=3.2
Α
Continuous Drain current ( in target package)
ID@25℃
5.4
A
VGS=10V
Continuous Drain current ( in target package)
ID@100℃
3.4
A
VGS=10V
Operation Junction
Tj
-55~175
℃
Storage Temperature
TSTR
-55~175
℃
Target Device: IRFPE40
TO-247AC
PD
150
W
@Tc=25℃


Similar Part No. - GFCE40

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
GFCE20 GSG-GFCE20 Datasheet
98Kb / 1P
N Channel Power MOSFET
GFCE30 GSG-GFCE30 Datasheet
97Kb / 1P
N Channel Power MOSFET with low RDS(on)
GFCE50 GSG-GFCE50 Datasheet
104Kb / 1P
N Channel highvoltage , Power MOSFET
More results

Similar Description - GFCE40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUZ50A ETC-BUZ50A Datasheet
25Kb / 2P
HIGH VOLTAGE POWER MOSFET N-CHANNEL
logo
Gunter Seniconductor Gm...
GFCF50 GSG-GFCF50 Datasheet
104Kb / 1P
N Channel high voltage, Power MOSFET
logo
SHENZHEN YONGERJIA INDU...
BAT46W WINNERJOIN-BAT46W Datasheet
102Kb / 2P
High Breakdown Voltage
logo
MAKO SEMICONDUCTOR CO.,...
MMBTA42 MAKOSEMI-MMBTA42 Datasheet
97Kb / 2P
High breakdown voltage
logo
SemiHow Co.,Ltd.
HDA60U60GW SEMIHOW-HDA60U60GW Datasheet
412Kb / 3P
High Breakdown Voltage
HDPE10U60G SEMIHOW-HDPE10U60G Datasheet
492Kb / 3P
High breakdown voltage
HDPE15U60G SEMIHOW-HDPE15U60G Datasheet
503Kb / 3P
High breakdown voltage
HDS20U30GW SEMIHOW-HDS20U30GW Datasheet
410Kb / 3P
High Breakdown Voltage
HDAE60F60G SEMIHOW-HDAE60F60G Datasheet
435Kb / 3P
High Breakdown Voltage
logo
Shanghai Leiditech Elec...
MMBTA42 LEIDITECH-MMBTA42 Datasheet
1Mb / 3P
High breakdown voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com