Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GFCF50 Datasheet(PDF) 1 Page - Gunter Seniconductor GmbH.

Part # GFCF50
Description  N Channel high voltage, Power MOSFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.

GFCF50 Datasheet(HTML) 1 Page - Gunter Seniconductor GmbH.

  GFCF50 Datasheet HTML 1Page - Gunter Seniconductor GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
Gunter Semiconductor GmbH
GFCF50
N Channel high voltage, Power MOSFET
Chip Specification
General Description:
* Advanced Process Technology
* Dynamic dV/dt Rating
* 150℃
℃
℃
℃ Operating Temperature
* Fast Switching
* Fully Avalanche Rated
*High breakdown voltage
Mechanical Data:
D29
Dimension
6.50mm x 7.32mm
Thickness:
480
µµµµm
Metallization:
Top :
:
Al
Backside :
CrNiAg / Au
Suggested Bonding Conditions:
Die Mounting:
Solder Perform
95/5 PbSn or 92.5./2.5/5 PbAgIn
Source Bonding Wire:
10 mil Al
Absolute Maximum Rating
@Ta=25℃
℃
℃
℃
Characteristics
Symbol
Limit
Unit
Test Conditions
Drain-to-Source Breakdown Voltage
V(BR)DSS
900
V
VGS=0V, ID=250
µΑ
Static Drain-to - Source On-resistance
RDS(ON)
1.6
Ω
VGS=10V, ID=4
Α
Continuous Drain current ( in target package)
ID@25℃
6.7
A
VGS=10V
Continuous Drain current ( in target package)
ID@100℃
4.2
A
VGS=10V
Operation Junction
Tj
-55~150
℃
Storage Temperature
TSTR
-55~150
℃
Target Device: IRFPF50
TO-247AC
PD
190
W
@Tc=25℃


Similar Part No. - GFCF50

ManufacturerPart #DatasheetDescription
logo
Gunter Seniconductor Gm...
GFCF20 GSG-GFCF20 Datasheet
98Kb / 1P
N Channel Power MOSFET
GFCF30 GSG-GFCF30 Datasheet
97Kb / 1P
N Channel High Voltage, Power MOSFET
GFCF40 GSG-GFCF40 Datasheet
98Kb / 1P
N Channel High voltage, Power MOSFET
More results

Similar Description - GFCF50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BUZ50A ETC-BUZ50A Datasheet
25Kb / 2P
HIGH VOLTAGE POWER MOSFET N-CHANNEL
MTP3N55 ETC1-MTP3N55 Datasheet
37Kb / 2P
HIGH VOLTAGE POWER MOSFET N-CHANNEL
logo
Advanced Power Technolo...
APT10M07JVFR ADPOW-APT10M07JVFR Datasheet
121Kb / 4P
High Voltage N-Channel enhancement mode power MOSFET
APT10M11JVFR ADPOW-APT10M11JVFR Datasheet
121Kb / 4P
High Voltage N-Channel enhancement mode power MOSFET
logo
Gunter Seniconductor Gm...
GFCF30 GSG-GFCF30 Datasheet
97Kb / 1P
N Channel High Voltage, Power MOSFET
GFCF40 GSG-GFCF40 Datasheet
98Kb / 1P
N Channel High voltage, Power MOSFET
GFCG20 GSG-GFCG20 Datasheet
98Kb / 1P
N Channel High voltage, Power MOSFET
GFCG40 GSG-GFCG40 Datasheet
113Kb / 1P
N Channel High voltage, Power MOSFET
GFCG50 GSG-GFCG50 Datasheet
104Kb / 1P
N Channel high voltage, Power MOSFET
logo
Shenzhen Foster Semicon...
FIR24N50ANG FOSTER-FIR24N50ANG Datasheet
4Mb / 8P
High Voltage N-Channel MOSFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com