Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL061CP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL061CP
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL061CP Datasheet(HTML) 3 Page - Texas Instruments

  TL061CP Datasheet HTML 1Page - Texas Instruments TL061CP Datasheet HTML 2Page - Texas Instruments TL061CP Datasheet HTML 3Page - Texas Instruments TL061CP Datasheet HTML 4Page - Texas Instruments TL061CP Datasheet HTML 5Page - Texas Instruments TL061CP Datasheet HTML 6Page - Texas Instruments TL061CP Datasheet HTML 7Page - Texas Instruments TL061CP Datasheet HTML 8Page - Texas Instruments TL061CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TL061, TL061A, TL061B, TL061Y, TL062, TL062A
TL062B, TL062Y, TL064, TL064A, TL064B, TL064Y
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS078F – NOVEMBER 1978 – REVISED JANUARY 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
symbol (each amplifier)
+
–
IN+
IN–
OUT
OFFSET N1
Offset Null/Compensation
TL061 Only
OFFSET N2
schematic (each amplifier)
IN+
50
Ω
100
Ω
C1
VCC+
OUT
VCC–
OFFSET N1
TL061 Only
OFFSET N2
IN–
C1 = 10 pF on TL061, TL062, and TL064
Component values shown are nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com