Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL084ID Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL084ID
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL084ID Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL084ID Datasheet HTML 2Page - Texas Instruments TL084ID Datasheet HTML 3Page - Texas Instruments TL084ID Datasheet HTML 4Page - Texas Instruments TL084ID Datasheet HTML 5Page - Texas Instruments TL084ID Datasheet HTML 6Page - Texas Instruments TL084ID Datasheet HTML 7Page - Texas Instruments TL084ID Datasheet HTML 8Page - Texas Instruments TL084ID Datasheet HTML 9Page - Texas Instruments TL084ID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TL080, TL081, TL082, TL084, TL081A, TL082A, TL084A
TL081B, TL082B, TL084B
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS081A–D2297, FEBRUARY 1977–REVISED NOVEMBER 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS
77251–1443
6
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
TL08_C
TL08_AC
TL08_BC
TL08_I
TL08_M
UNIT
Supply voltage, VCC + (see Note 1)
18
18
18
V
Supply voltage VCC – (see Note 1)
–18
–18
–18
V
Differential input voltage (see Note 2)
± 30
± 30
± 30
V
Input voltage (see Notes 1 and 3)
±15
±15
±15
V
Duration of output short circuit (see Note 4)
unlimited
unlimited
unlimited
Continuous total dissipation
See Dissipation Rating Table
Operating free-air temperature range
0 to 70
– 40 to 85
– 55 to 125
°C
Storage temperature range
– 65 to 150
– 65 to 150
– 65 to 150
°C
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1,6 mm (1/16 inch)
from case for 60 seconds
J or JG package
300
°C
Lead temperature 1,6 mm (1/16 inch)
from case for 10 seconds
D, N, P, or PW package
260
260
°C
NOTES:
1. All voltage values, except differential voltages, are with respect to the midpoint between VCC + and VCC –.
2. Differential voltages are at the noninverting input terminal with respect to the inverting input terminal.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the
dissipation rating is not exceeded.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING
FACTOR
DERATE
ABOVE TA
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D (8 Pin)
680 mW
5.8 mW/
°C
32
°C
464 mW
377 mW
N/A
D (14 Pin)
680 mW
7.6 mW/
°C
60
°C
608 mW
494 mW
N/A
FK
680 mW
11.0 mW/
°C88°C
680 mW
680 mW
275 mW
J
680 mW
11.0 mW/
°C88°C
680 mW
680 mW
275 mW
JG
680 mW
8.4 mW/
°C69°C
672 mW
546 mW
210 mW
N
680 mW
9.2 mW/
°C76°C
680 mW
598 mW
N/A
P
680 mW
8.0 mW/
°C
65
°C
640 mW
520 mW
N/A
PW (8 Pin)
525 mW
4.2 mW/
°C
25
°C
336 mW
N/A
N/A
PW (14 Pin)
700 mW
5.6 mW/
°C
25
°C
448 mW
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com