Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16PC564B Datasheet(PDF) 26 Page - Texas Instruments

Part # TL16PC564B
Description  PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16PC564B Datasheet(HTML) 26 Page - Texas Instruments

Back Button TL16PC564B Datasheet HTML 22Page - Texas Instruments TL16PC564B Datasheet HTML 23Page - Texas Instruments TL16PC564B Datasheet HTML 24Page - Texas Instruments TL16PC564B Datasheet HTML 25Page - Texas Instruments TL16PC564B Datasheet HTML 26Page - Texas Instruments TL16PC564B Datasheet HTML 27Page - Texas Instruments TL16PC564B Datasheet HTML 28Page - Texas Instruments TL16PC564B Datasheet HTML 29Page - Texas Instruments TL16PC564B Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
TL16PC564B, TL16PC564BLV
PCMCIA UNIVERSAL ASYNCHRONOUS RECEIVER TRANSMITTER
SLLS225A – MARCH 1996 – REVISED FEBRUARY 1998
26
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
HA(9 – 0)
CE1, CE2
tc2
th9
Data Input Established
HD(7 – 0)
tsu12
See Note C
tsu10
WE
tsu8
trec1
See Note B
See Note A
See Note A
90%
10%
90%
10%
90%
10%
90%
90%
10%
90%
10%
90%
10%
10%
NOTES: A. The hatched portion may be either high (H) or low (L).
B. OE must be high (H).
C. When the data I/O terminal is in the output state, no signals should be applied to HD(7 – 0) by the system.
Figure 8. Host CPU Attribute-Memory Write Timing Waveforms (CE Control)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com