Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL087IP Datasheet(PDF) 19 Page - Texas Instruments

Part # TL087IP
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL087IP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TL087IP Datasheet HTML 12Page - Texas Instruments TL087IP Datasheet HTML 13Page - Texas Instruments TL087IP Datasheet HTML 14Page - Texas Instruments TL087IP Datasheet HTML 15Page - Texas Instruments TL087IP Datasheet HTML 16Page - Texas Instruments TL087IP Datasheet HTML 17Page - Texas Instruments TL087IP Datasheet HTML 18Page - Texas Instruments TL087IP Datasheet HTML 19Page - Texas Instruments TL087IP Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
TL087, TL088, TL287, TL288
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS082A – D2484, MARCH 1979 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
19
TYPICAL APPLICATION DATA
input characteristics
These amplifiers are specified with a minimum and a maximum input voltage that, if exceeded at either input,
could cause the device to malfunction.
Because of the extremely high input impedance and resulting low bias current requirements, these amplifiers
are well suited for low-level signal processing; however, leakage currents on printed circuit boards and sockets
can easily exceed bias current requirements and cause degradation in system performance. It is good practice
to include guard rings around inputs (see Figure 45). These guards should be driven from a low-impedance
source at the same voltage level as the common-mode input.
+
–
VO
VO
VO
VI
VI
(a) NONINVERTING AMPLIFIER
(b) INVERTING AMPLIFIER
(c) UNITY–GAIN AMPLIFIER
VI
Figure 45. Use of Guard Rings
noise performance
The noise specifications in op amp circuits are greatly dependent on the current in the first-stage diflferential
amplifier. The low input bias current requirments of these amplifiers result in a very low current noise. This
feature makes the devices especially favorable over bipolar devices when using values of circuit impedance
greater than 50 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com