Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL3116 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL3116
Description  ULTRA-FAST LOW-POWER PRECISION COMPARATORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3116 Datasheet(HTML) 2 Page - Texas Instruments

  TL3116 Datasheet HTML 1Page - Texas Instruments TL3116 Datasheet HTML 2Page - Texas Instruments TL3116 Datasheet HTML 3Page - Texas Instruments TL3116 Datasheet HTML 4Page - Texas Instruments TL3116 Datasheet HTML 5Page - Texas Instruments TL3116 Datasheet HTML 6Page - Texas Instruments TL3116 Datasheet HTML 7Page - Texas Instruments TL3116 Datasheet HTML 8Page - Texas Instruments TL3116 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TL3116, TL3116Y
ULTRAFAST LOW POWER
PRECISION COMPARATORS
SLCS132C − MARCH 1997 − REVISED MAY 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL3116Y chip information
This chip, when properly assembled, displays characteristics similar to the TL3116C. Thermal compression or
ultrasonic bonding may be used on the doped-aluminum bonding pads. Chips may be mounted with conductive
epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 10 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN MILS.
TERMINALS 1 AND 6 CAN BE
CONNECTED TO MULTIPLE PADS.
Q OUT
IN−
IN+
LATCH ENABLE
Q OUT
(5)
(2)
(3)
(1)
(6)
VCC+
GND
(7)
(8)
+
−
VCC −
(4)
55
63
(1)
(4)
(3)
(2)
(5)
(1)
(1)
(8)
(7)
(6)
(6)
(6)
COMPONENT COUNT
Bipolars
53
MOSFETs
49
Resistors
46
Capacitors
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com