Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL062ID Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL062ID
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL062ID Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL062ID Datasheet HTML 7Page - Texas Instruments TL062ID Datasheet HTML 8Page - Texas Instruments TL062ID Datasheet HTML 9Page - Texas Instruments TL062ID Datasheet HTML 10Page - Texas Instruments TL062ID Datasheet HTML 11Page - Texas Instruments TL062ID Datasheet HTML 12Page - Texas Instruments TL062ID Datasheet HTML 13Page - Texas Instruments TL062ID Datasheet HTML 14Page - Texas Instruments TL062ID Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TL061, TL061A, TL061B, TL061Y, TL062, TL062A
TL062B, TL062Y, TL064, TL064A, TL064B, TL064Y
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS078F – NOVEMBER 1978 – REVISED JANUARY 1999
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC± = ±15 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL061Y
TL062Y
TL064Y
UNIT
MIN
TYP
MAX
VIO
Input offset voltage
VO = 0,
RS = 50 Ω
3
15
mV
αVIO
Temperature coefficient of input offset voltage
VO = 0,
RS = 50 Ω
10
µV/°C
IIO
Input offset current
VO = 0
5
200
pA
IIB
Input bias current‡
VO = 0
30
400
pA
VICR
Common-mode input voltage range
±11
–12
to
15
V
VOM
Maximum peak output voltage swing
RL = 10 kΩ
±10 ±13.5
V
AVD
Large-signal differential voltage amplification
VO = ±10 V,
RL ≥ 2 kΩ
3
6
V/mV
B1
Unity-gain bandwidth
RL = 10 kΩ
1
MHz
ri
Input resistance
1012
Ω
CMRR
Common-mode rejection ratio
VIC = VICRmin,
RS = 50 Ω
VO = 0,
70
86
dB
kSVR
Supply voltage rejection ratio (
∆VCC±/∆VIO)
VCC = ±9 V to ±15 V,
VO = 0,
70
95
dB
kSVR
Supply voltage rejection ratio (
∆VCC±/∆VIO)
CC
,
RS = 50 Ω
O
,
70
95
dB
PD
Total power dissipation (each amplifier)
VO = 0,
No load
6
7.5
mW
ICC
Supply current (per amplifier)
VO = 0,
No load
200
250
µA
VO1/VO2
Crosstalk attenuation
AVD = 100
120
dB
† All characteristics are measured under open-loop conditions with zero common-mode voltage unless otherwise specified.
‡ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive as shown in
Figure 15. Pulse techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
operating characteristics, VCC
± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TL061Y
TL062Y
TL064Y
UNIT
MIN
TYP
MAX
SR
Slew rate at unity gain
VI = 10 mV,
RL = 10 kΩ,
15
35
V/
µs
SR
Slew rate at unity gain
I
,
CL = 100 pF,
L
,
See Figure 1
1.5
3.5
V/
µs
tr
Rise time
VI = 20 V,
RL = 10 kΩ,
0.2
µs
Overshoot factor
I
,
CL = 100 pF,
L
,
See Figure 1
10%
Vn
Equivalent input noise voltage
RS = 20 Ω,
f = 1 kHz
42
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com