Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL288MU Datasheet(PDF) 1 Page - Texas Instruments

Part # TL288MU
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL288MU Datasheet(HTML) 1 Page - Texas Instruments

  TL288MU Datasheet HTML 1Page - Texas Instruments TL288MU Datasheet HTML 2Page - Texas Instruments TL288MU Datasheet HTML 3Page - Texas Instruments TL288MU Datasheet HTML 4Page - Texas Instruments TL288MU Datasheet HTML 5Page - Texas Instruments TL288MU Datasheet HTML 6Page - Texas Instruments TL288MU Datasheet HTML 7Page - Texas Instruments TL288MU Datasheet HTML 8Page - Texas Instruments TL288MU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TL087, TL088, TL287, TL288
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS082A – D2484, MARCH 1979 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1993, Texas Instruments Incorporated
1
• Low Input Offset Voltage . . . 0.5 mV Max
• Low Power Consumption
• Wide Common-Mode and Differential
Voltage Ranges
• Low Input Bias and Offset Currents
• High Input Impedance . . . JFET-Input Stage
• Internal Frequency Compensation
• Latch-Up-Free Operation
• High Slew Rate . . . 18 V/µs Typ
• Low Total Harmonic Distortion
0.003% Typ
description
These JFET-input operational amplifiers incorporate well-matched high-voltage JFET and bipolar transistors
in a monolithic integrated circuit. They feature low input offset voltage, high slew rate, low input bias and offset
currents, and low temperature coefficient of input offset voltage. Offset-voltage adjustment is provided for the
TL087 and TL088.
The C-suffix devices are characterized for operation from 0
°C to 70°C, and the I-suffix devices are characterized
for operation from –40
°C to 85°C. The M-suffix devices are characterized for operation over the full military
temperature range of – 55
°C to 125°C.
AVAILABLE OPTIONS
VIO max
PACKAGE
TA
TYPE
VIO max
AT 25
°C
SMALL OUTLINE
(D)
CERAMIC DIP
(JG)
PLASTIC DIP
(P)
FLAT
(U)
0
°C
to
Single
0.5 mV
1 mV
TL087CD
TL088CD
TL087CJG
TL088CJG
TL087CP
TL088CP
70
°C
Dual
0.5 mV
1 mV
TL287CD
TL288CD
TL287CJG
TL288CJG
TL287CP
TL288CP
–40
°C
to
Single
0.5 mV
1 mV
TL087ID
TL088ID
TL087IJG
TL088IJG
TL087IP
TL088IP
85
°C
Dual
0.5 mV
1 mV
TL287ID
TL288ID
TL287IJG
TL288IJG
TL287IP
TL288IP
–55
°C
to
Single
1 mV
TL088MJG
TL088MU
125
°C
Dual
1 mV
TL288MJG
TL288MU
The D package is available taped and reeled. Add the suffix R to the device type (e.g., TL087CDR).
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TL288MU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL288M TI2-TL288M Datasheet
406Kb / 23P
JFET-INPUT OPERATIONAL AMPLIFIERS
REVISED JULY 2004
More results

Similar Description - TL288MU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081_04 Datasheet
862Kb / 37P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL091 TI-TL091 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
JFET-Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
JFET Input Operational Amplifiers
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com