Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL343 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL343
Description  SINGLE LOW-POWER OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL343 Datasheet(HTML) 4 Page - Texas Instruments

  TL343 Datasheet HTML 1Page - Texas Instruments TL343 Datasheet HTML 2Page - Texas Instruments TL343 Datasheet HTML 3Page - Texas Instruments TL343 Datasheet HTML 4Page - Texas Instruments TL343 Datasheet HTML 5Page - Texas Instruments TL343 Datasheet HTML 6Page - Texas Instruments TL343 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TL343
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
SLOS250D – JUNE 1999 – REVISED NOVEMBER 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC+ = 5 V, VCC– = 0 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 2.5 V
2
10
mV
IIO
Input offset current
VO = 2.5 V
30
50
nA
IIB
Input bias current
VO = 2.5 V
–20
–50
nA
VOM
Peak output voltage swing‡
RL = 10 kΩ
3.3
3.5
V
AVD
Large-signal differential voltage
amplification
VO = 1.7 V to 3.3 V,
RL = 2 kΩ
20
200
V/mV
kSVS
Supply-voltage sensitivity (
∆VIO/∆VCC±)
VCC
± = ±2.5 V to ±15 V
150
µV/V
ICC
Supply current
VO = 2.5 V,
No load
0.7
1.75
mA
† All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise specified.
‡ Output swings essentially to ground.
operating characteristics, VCC
± = ±15 V, TA = 25°C, AVD = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
VI = ±10 V,
CL = 100 pF,
RL = 2 kΩ,
See Figure 1
1
V/
µs
tr
Rise time
∆VO = 50 mV,
CL = 100 pF,
RL = 10 kΩ,
See Figure 1
0.35
µs
tf
Fall time
∆VO = 50 mV,
CL = 100 pF,
RL = 10 kΩ,
See Figure 1
0.35
µs
Overshoot factor
∆VO = 50 mV,
CL = 100 pF,
RL = 10 kΩ,
See Figure 1
20%
Crossover distortion
VI(PP) = 30 mV,
VOPP = 2 V,
f = 10 kHZ
1%
PARAMETER MEASUREMENT INFORMATION
RL
CL = 100 pF
VI
OUT
Figure 1. Unity-Gain Amplifier



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com