Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL441 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL441
Description  LOGARITHMIC AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL441 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL441 Datasheet HTML 7Page - Texas Instruments TL441 Datasheet HTML 8Page - Texas Instruments TL441 Datasheet HTML 9Page - Texas Instruments TL441 Datasheet HTML 10Page - Texas Instruments TL441 Datasheet HTML 11Page - Texas Instruments TL441 Datasheet HTML 12Page - Texas Instruments TL441 Datasheet HTML 13Page - Texas Instruments TL441 Datasheet HTML 14Page - Texas Instruments TL441 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TL441
LOGARITHMIC AMPLIFIER
SLVS328 – OCTOBER 2000
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Z
Z
A1
A2
Y
Y
B1
B2
TL441
Input
Output
2 k
Ω, 1%
2 k
Ω, 1%
20 k
Ω
2 k
Ω, 1%
2 k
Ω, 1%
Input Voltage – V
0.4
0.3
0.2
0.1
0
0.001
0.01
0.1
1
10
TRANSFER CHARACTERISTICS
WITH BOTH SIDES PARALLELED
GND
+
–
Figure 14. Utilization of Paralleled Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com