Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL430Y Datasheet(PDF) 1 Page - Texas Instruments

Part # TL430Y
Description  ADJUSTABLE SHUNT REGULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL430Y Datasheet(HTML) 1 Page - Texas Instruments

  TL430Y Datasheet HTML 1Page - Texas Instruments TL430Y Datasheet HTML 2Page - Texas Instruments TL430Y Datasheet HTML 3Page - Texas Instruments TL430Y Datasheet HTML 4Page - Texas Instruments TL430Y Datasheet HTML 5Page - Texas Instruments TL430Y Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TL430
ADJUSTABLE SHUNT REGULATORS
SLVS050B – JUNE 1976 – REVISED JULY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Temperature Compensated
D Programmable Output Voltage
D Low Output Resistance
D Low Output Noise
D Sink Capability up to 100 mA
description
The TL430 is a 3-terminal adjustable shunt
regulator,
featuring
excellent
temperature
stability, wide operating current range, and low
output noise. The output voltage can be set by two
external resistors to any desired value between
3 V and 30 V. The TL430 can replace zener diodes
in
many
applications,
providing
improved
performance.
The TL430C is characterized for operation from
0
°C to 70°C.
symbol
REF
CATHODE
ANODE
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP FORM
TA
PLASTIC
(LP)
CHIP FORM
(Y)
0
°C to 70°C
TL430CLP
TL430Y
The LP package is available taped and reeled. Add R suffix to device
type (e.g., TL430CLPR). Chip forms are tested at 25
°C.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LP PACKAGE
(TOP VIEW)
REF
ANODE
CATHODE


Similar Part No. - TL430Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL430 TI-TL430 Datasheet
146Kb / 9P
ADJUSTABLE SHUNT REGULATORS
TL430 TI2-TL430 Datasheet
314Kb / 10P
ADJUSTABLE SHUNT REGULATORS
REVISED JANUARY 2005
TL430CLP TI-TL430CLP Datasheet
146Kb / 9P
ADJUSTABLE SHUNT REGULATORS
TL430CLP TI2-TL430CLP Datasheet
314Kb / 10P
ADJUSTABLE SHUNT REGULATORS
REVISED JANUARY 2005
TL430CLP.A TI2-TL430CLP.A Datasheet
314Kb / 10P
ADJUSTABLE SHUNT REGULATORS
REVISED JANUARY 2005
More results

Similar Description - TL430Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TL430 TI-TL430_06 Datasheet
146Kb / 9P
ADJUSTABLE SHUNT REGULATORS
logo
Gamma Microelectronics ...
GM431A GAMMA-GM431A Datasheet
2Mb / 1P
Adjustable Shunt Regulators
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL430 TI-TL430_15 Datasheet
143Kb / 9P
ADJUSTABLE SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com