Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL5001A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL5001A
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5001A Datasheet(HTML) 1 Page - Texas Instruments

  TL5001A Datasheet HTML 1Page - Texas Instruments TL5001A Datasheet HTML 2Page - Texas Instruments TL5001A Datasheet HTML 3Page - Texas Instruments TL5001A Datasheet HTML 4Page - Texas Instruments TL5001A Datasheet HTML 5Page - Texas Instruments TL5001A Datasheet HTML 6Page - Texas Instruments TL5001A Datasheet HTML 7Page - Texas Instruments TL5001A Datasheet HTML 8Page - Texas Instruments TL5001A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TL5001, TL5001A
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS084E – APRIL 1994 – REVISED OCTOBER 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Complete PWM Power Control
D 3.6-V to 40-V Operation
D Internal Undervoltage-Lockout Circuit
D Internal Short-Circuit Protection
D Oscillator Frequency . . . 20 kHz to 500 kHz
D Variable Dead Time Provides Control Over
Total Range
D ±3% Tolerance on Reference Voltage
(TL5001A)
D Available in Q-Temp Automotive
HighRel Automotive Applications
Configuration Control / Print Support
Qualification to Automotive Standards
description
The TL5001 and TL5001A incorporate on a single
monolithic chip all the functions required for a
pulse-width-modulation (PWM) control circuit.
Designed primarily for power-supply control, the
TL5001/A contains an error amplifier, a regulator,
an
oscillator,
a
PWM
comparator
with
a
dead-time-control input, undervoltage lockout
(UVLO), short-circuit protection (SCP), and an open-collector output transistor. The TL5001A has a typical
reference voltage tolerance of
±3% compared to ±5% for the TL5001.
The error-amplifier common-mode voltage ranges from 0 V to 1.5 V. The noninverting input of the error amplifier
is connected to a 1-V reference. Dead-time control (DTC) can be set to provide 0% to 100% dead time by
connecting an external resistor between DTC and GND. The oscillator frequency is set by terminating RT with
an external resistor to GND. During low VCC conditions, the UVLO circuit turns the output off until VCC recovers
to its normal operating range.
The TL5001C and TL5001AC are characterized for operation from – 20
°C to 85°C. The TL5001I and TL5001AI
are characterized for operation from – 40
°C to 85°C. The TL5001Q and TL5001AQ are characterized for
operation from – 40
°C to 125°C. The TL5001M and TL5001AM are characterized for operation from –55°C to
125
°C.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
CERAMIC DIP
(JG)
CHIP CARRIER
(FK)
20
°Cto85°C
TL5001CD
TL5001CP
—
—
– 20
°C to 85°C
TL5001ACD
TL5001ACP
—
—
40
°Cto85°C
TL5001ID
TL5001IP
—
—
– 40
°C to 85°C
TL5001AID
TL5001AIP
—
—
40
°Cto125°C
TL5001QD
—
—
—
– 40
°C to 125°C
TL5001AQD
—
—
—
55
°Cto125°C
—
—
TL5001MJG
TL5001MFK
– 55
°C to 125°C
—
—
TL5001AMJG
TL5001AMFK
The D package is available taped and reeled. Add the suffix R to the device type (e.g., TL5001CDR).
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
OUT
VCC
COMP
FB
GND
RT
DTC
SCP
D, JG OR P PACKAGE
(TOP VIEW)
19
20
1
32
17
18
16
15
14
13
12
11
9
10
5
4
6
7
8
NC
RT
NC
DTC
NC
NC
VCC
NC
COMP
NC
FK PACKAGE
(TOP VIEW)


Similar Part No. - TL5001A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5001A TI-TL5001A Datasheet
704Kb / 32P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001A TI-TL5001A Datasheet
1Mb / 33P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001A TI1-TL5001A Datasheet
1Mb / 32P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001A TI2-TL5001A Datasheet
440Kb / 20P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
REVISED FEBRUARY 2009
TL5001A-Q1 TI1-TL5001A-Q1 Datasheet
231Kb / 17P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL5001A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC598 TI-TLC598 Datasheet
156Kb / 10P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL594I TI-TL594I Datasheet
504Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com