Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL5501 Datasheet(PDF) 4 Page - Texas Instruments

Part # TL5501
Description  6-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5501 Datasheet(HTML) 4 Page - Texas Instruments

  TL5501 Datasheet HTML 1Page - Texas Instruments TL5501 Datasheet HTML 2Page - Texas Instruments TL5501 Datasheet HTML 3Page - Texas Instruments TL5501 Datasheet HTML 4Page - Texas Instruments TL5501 Datasheet HTML 5Page - Texas Instruments TL5501 Datasheet HTML 6Page - Texas Instruments TL5501 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TL5501
6-BIT ANALOG-TO-DIGITAL CONVERTER
SLAS026 – OCTOBER 1989 – REVISED APRIL 1990
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over operating supply voltage range, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
II
Analog input current
VI = 5 V
75
µA
II
Analog input current
VI = 4 V
73
µA
IIH
Digital high-level input current
VI = 2.7 V
0
20
µA
IIL
Digital low-level input current
VI = 0.4 V
– 400
–40
µA
II
Digital input current
VI = 7 V
100
µA
IrefB
Reference current
VIrefB = 4 V
–4
– 7.2
mA
Iref T
Reference current
VIrefB = 5 V
4
7.2
mA
VOH
High-level output voltage
IOH = – 400 µA
2.7
V
VOL
Low-level output voltage
IOL = 1.6 mA
0.4
V
ri
Analog input resistance
100
k
Ω
1Ci
Analog input capacitance
35
65
pF
ICC
Supply current
40
60
mA
operating characteristics over operating supply voltage range, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
EL
Linearity error
±0.8 %FSR
fmax
Maximum converstion rate
20
30
MHz
td
Digital output delay time
See Figure 3
15
30
ns
† All typical values are at VCC = 5 V, Vref = 4 V, TA = 25°C.
timing diagram
Data
N + 1
Data
N
N – 1
Data
td
INPUT
D1 – D6
ANLG
CLK
1.4 V
twL
twH
N + 2
N + 1
N
Sample
Sample
Sample



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com