Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL714C Datasheet(PDF) 1 Page - Texas Instruments

Part # TL714C
Description  HIGH-SPEED DIFFERENTIAL COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL714C Datasheet(HTML) 1 Page - Texas Instruments

  TL714C Datasheet HTML 1Page - Texas Instruments TL714C Datasheet HTML 2Page - Texas Instruments TL714C Datasheet HTML 3Page - Texas Instruments TL714C Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TL714C
HIGH-SPEED DIFFERENTIAL COMPARATOR
SLCS015 – DECEMBER 1988 – REVISED JUNE 1989
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Operates From a 5-V Supply
D Self-Biasing Inputs
D Hysteresis . . . 10 mV Typ
D Response Time ...6 ns Typ
D Maximum Operating Frequency
50 MHz Typ
description
The
TL714C
is
a
high-speed
differential
comparator fabricated with bipolar Schottky
process technology. The circuit has differential
inputs and a TTL-compatible logic output with
symmetrical switching characteristics.
The device operates from a single 5-V supply and is useful as a disk-memory read-chain data comparator.
The TL714C is characterized for operation from 0
°C to 70°C.
schematic of inputs and outputs
VCC
IN
9.6 k
Ω
100
Ω
VCC
OUT
9.6 k
Ω
GND
EACH INPUT
OUTPUT
50
Ω
All resistor values shown are nominal.
Copyright
© 1989, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
NC
IN –
IN+
NC
VCC
NC
OUT
GND
D OR P PACKAGE
(TOP VIEW)
IN+
IN –
OUT
symbol
NC — No internal connection


Similar Part No. - TL714C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL714C TI-TL714C Datasheet
169Kb / 7P
HIGH-SPEED DIFFERENTIAL COMPARATOR
TL714CD TI-TL714CD Datasheet
169Kb / 7P
HIGH-SPEED DIFFERENTIAL COMPARATOR
TL714CD TI2-TL714CD Datasheet
451Kb / 14P
HIGH-SPEED DIFFERENTIAL COMPARATOR
REVISED AUGUST 2003
TL714CD.A TI2-TL714CD.A Datasheet
451Kb / 14P
HIGH-SPEED DIFFERENTIAL COMPARATOR
REVISED AUGUST 2003
TL714CDE4 TI-TL714CDE4 Datasheet
169Kb / 7P
HIGH-SPEED DIFFERENTIAL COMPARATOR
More results

Similar Description - TL714C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
High Speed Differential Comparator
logo
NXP Semiconductors
NE522 PHILIPS-NE522 Datasheet
88Kb / 5P
High-speed dual-differential comparator/sense amp
August 31, 1994
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
MNLM711AM-X NSC-MNLM711AM-X Datasheet
251Kb / 8P
DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
LM760 NSC-LM760 Datasheet
197Kb / 10P
High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
High Speed Differential Comparator
logo
Texas Instruments
LM160QML TI1-LM160QML Datasheet
267Kb / 12P
LM160QML High Speed Differential Comparator
LM160QML TI1-LM160QML_14 Datasheet
343Kb / 13P
LM160QML High Speed Differential Comparator
LM160 TI1-LM160_14 Datasheet
872Kb / 15P
LM160/LM360 High Speed Differential Comparator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com