Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL714CD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL714CD
Description  HIGH-SPEED DIFFERENTIAL COMPARATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL714CD Datasheet(HTML) 3 Page - Texas Instruments

  TL714CD Datasheet HTML 1Page - Texas Instruments TL714CD Datasheet HTML 2Page - Texas Instruments TL714CD Datasheet HTML 3Page - Texas Instruments TL714CD Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TL714C
HIGH-SPEED DIFFERENTIAL COMPARATOR
SLCS015 – DECEMBER 1988 – REVISED JUNE 1989
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
fmax
Maximum operating frequency
VID = ± 250 mV,
CL = 25 pF,
tr = tf = 4 ns,
Input duty cycle = 50%
50
MHz
tPLH Propagation delay time, low-to-high-level output
VID = ± 100 mV,
CL = 25 pF,
6
12
ns
tPHL Propagation delay time, high-to-low-level output
ID
,
See Figures 1 and 2
L
,
6
12
ns
tr
Rise time
VID = ± 100 mV,
CL = 25 pF,
4
8
ns
tf
Fall time
ID
See Figure 3
L
4
8
ns
† All typical values are at TA = 25°C.
PARAMETER MEASUREMENT INFORMATION
Figure 1. Propagation Delay Time,
Low to High (tPLH)
VID
VO
tr ≤ 4 ns
100 mV
–100 mV
tPLH
90%
50%
10%
1.4 V
VOH
VOL
Figure 2. Propagation Delay Time,
High to Low (tPHL)
90%
50%
10%
tPHL
1.4 V
VID
VO
100 mV
–100 mV
VOH
VOL
tf ≤ 4 ns
VID
VO
tr ≤ 4 ns
tr
90%
10%
100 mV
–100 mV
VOH
VOL
90%
10%
tf ≤ 4 ns
tf
2.4 V
0.5 V
2.4 V
0.5 V
Figure 3. Rise and Fall Times (tr, tf)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com