Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL494CDB Datasheet(PDF) 7 Page - Texas Instruments

Part # TL494CDB
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL494CDB Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL494CDB Datasheet HTML 3Page - Texas Instruments TL494CDB Datasheet HTML 4Page - Texas Instruments TL494CDB Datasheet HTML 5Page - Texas Instruments TL494CDB Datasheet HTML 6Page - Texas Instruments TL494CDB Datasheet HTML 7Page - Texas Instruments TL494CDB Datasheet HTML 8Page - Texas Instruments TL494CDB Datasheet HTML 9Page - Texas Instruments TL494CDB Datasheet HTML 10Page - Texas Instruments TL494CDB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
+
−
+
−
VI
Vref
FEEDBACK
Amplifier Under Test
Other Amplifier
Output
Each Output
Circuit
68
Ω
2 W
15 V
CL = 15 pF
(See Note A)
90%
10%
90%
10%
tf
tr
TEST CIRCUIT
OUTPUT VOLTAGE WAVEFORM
NOTE A: CL includes probe and jig capacitance.
Output
Each Output
Circuit
68
Ω
2 W
15 V
CL = 15 pF
(See Note A)
90%
10%
90%
10%
tf
tr
TEST CIRCUIT
OUTPUT VOLTAGE WAVEFORM
NOTE A: CL includes probe and jig capacitance.
TL494
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS074E – JANUARY 1983 – REVISED FEBRUARY 2005
Figure 2. Amplifier Characteristics
Figure 3. Common-Emitter Configuration
Figure 4. Emitter-Follower Configuration
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com