Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPTC3230P Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # LPTC3230P
Description  Ultra-Low PDL Fused Tap Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

LPTC3230P Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  LPTC3230P Datasheet HTML 1Page - OPLINK Communications Inc. LPTC3230P Datasheet HTML 2Page - OPLINK Communications Inc. LPTC3230P Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Performance Specifications
Ultra-Low PDL Fused Tap Coupler
Features
Wavelength Independent
Low Insertion Loss and PDL
High Power Handling
Guaranteed Reliability
Applications
CATV
Local Area Networks
Testing Instruments
Signal Monitoring in EDFA
LPTC Series
The Oplink LPTC (1x2 and 2x2) coupler series feature exceptionally low polarizatio
dependent loss on both signal and tap ports as well as excellent uniformity and low
excess loss. They are available with various tap ratios, wavelength ranges, fiber types,
and connector options. All devices are shown to be able to handle high optical power
up to 4W and are tested according to industry standard procedures. Reliabilityis-
guaranteed through stringent tests to fully meet Telcordia GR-1221 requirements.
Oplink can provide customized designs to meet specialized feature applications. Also,
Oplink offers modular assemblies that integrate other components to form a full
functionmodule or subsystem.
Oplink Communications, Inc.
R3.20070802
Ultra-Low PDL Fused Tap Coupler
(1310, S, C, L band)
(1310, S, C, L band)
Port 1 In
L
Ø
Port 2 Main (High%)
Port 3 Tap (Low%)
Port 4 (terminated for
1x2 configuration)
1310nm
S band
C band
L band
Parameter
1270~1350
1420~1500
1530~1565
1570~1605
nm
dB
dB
dB
Wavelength Range
Fiber Type
Corning SMF-28
Insertion Loss1
See Insertion Loss Table I, II
55
min
Return Loss
55
min
Directivity
Temperature Dependent Loss2 max
Signal Path: 0.02~0.10, Tap Path: 0.10~0.20
4
max
Optical Power Handling
Operating Temperature Range3
-40 to 75
P3: 3mm cable
(L) 96 x (W) 12 x (H) 6.4
Telcordia GR-1221
Qualifications
1. Values are referenced without connector loss.
2. Change in insertion loss from -5 to 75°C. Values are depended on coupling ratio, for 99/1 coupler Temperature Dependent Loss
(TDL) ~0.02/0.20dB. As tap ratio increase, TDL decreases for tap path, while increases for signal path. All TDL is specified from
-5 to 75°C
3. Operating temperature range changes to -5 to 75°C in P2, P3 package and all package with connectors.
4. The mechanical tolerance should be +/-0.2 mm on all package dimensions unless otherwise custom specified.
Storage Temperature Range
-40 to 85
P1: 250µm SMF-28 bare fiber
(Ø) 3.0 x (L) 47
Package Dimension 4
P2: 900µm loose tube
(Ø) 3.0 x (L) 60
°C
°C
mm
W


Similar Part No. - LPTC3230P

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
LPTC OPLINK-LPTC Datasheet
156Kb / 3P
Ultra-Low PDL Fused Tap Coupler
LPTC-S0093 OPLINK-LPTC-S0093 Datasheet
156Kb / 3P
Ultra-Low PDL Fused Tap Coupler
logo
Bel Fuse Inc.
LPTC-V BEL-LPTC-V Datasheet
2Mb / 5P
Toroidal Common Mode Chokes
Oct-17-2024
LPTC-V-0.51-1-40 BEL-LPTC-V-0.51-1-40 Datasheet
2Mb / 5P
Toroidal Common Mode Chokes
Oct-17-2024
LPTC-V-0.51-2-30 BEL-LPTC-V-0.51-2-30 Datasheet
2Mb / 5P
Toroidal Common Mode Chokes
Oct-17-2024
More results

Similar Description - LPTC3230P

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
Fused Coupler, Single Window
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
Fused Coupler,Two Window
FFP-5M3145E0 JDSU-FFP-5M3145E0 Datasheet
109Kb / 3P
Fused Coupler, PM Combiner
FFS-733A3 JDSU-FFS-733A3 Datasheet
126Kb / 4P
Fused Coupler, Near Infrared
FFS-R33A3 JDSU-FFS-R33A3 Datasheet
120Kb / 3P
Fused Coupler, Visible Light
logo
OPLINK Communications I...
PMTC1450U011 OPLINK-PMTC1450U011 Datasheet
299Kb / 2P
Polarization Maintaining Tap Coupler
LPTC-S0093 OPLINK-LPTC-S0093 Datasheet
156Kb / 3P
Ultra-Low PDL Fused Tap Coupler
LPTC OPLINK-LPTC Datasheet
156Kb / 3P
Ultra-Low PDL Fused Tap Coupler
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
Fused Fiber Coupler
PMTC OPLINK-PMTC Datasheet
312Kb / 2P
Polarization Maintaining Tap Coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com