Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWFC4145A Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # SWFC4145A
Description  Mini Single Window Single Mode Fiber Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWFC4145A Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  SWFC4145A Datasheet HTML 1Page - OPLINK Communications Inc. SWFC4145A Datasheet HTML 2Page - OPLINK Communications Inc. SWFC4145A Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Oplink Communications, Inc.
Mini Single Window Single Mode Fiber Coupler
Mini SWFC Series
Insertion Loss Tables
R3.20070824
Insertion Loss (IL) III : 980nm coupler
Signal
Signal
Tap
Tap
Signal
Signal
Tap
Tap
A Grade
P Grade
18.2-21.0
≤0.04
≤0.15
≤0.23
17.4-21.5
≤0.05
≤0.20
16.0-18.6
≤0.04
≤0.12
≤0.30
15.2-19.8
≤0.05
≤0.15
14.4-16.4
≤0.04
≤0.12
≤0.34
13.7-17.1
≤0.05
≤0.15
12.2-14.0
≤0.04
≤0.10
≤0.40
11.8-14.7
≤0.05
≤0.15
9.40-11.0
≤0.05
≤0.10
≤0.65
9.00-11.3
≤0.06
≤0.15
7.70-8.85
≤0.05
≤0.10
≤0.85
7.4-9.1
≤0.06
≤0.15
6.30-7.80
≤0.05
≤0.10
≤1.15
6.0-8.1
≤0.07
≤0.14
5.45-6.70
≤0.06
≤0.10
≤1.44
5.5-6.8
≤0.07
≤0.14
4.60-5.75
≤0.06
≤0.10
≤1.82
4.7-5.9
≤0.08
≤0.13
4.10-5.05
≤0.07
≤0.10
≤2.02
4.2-5.0
≤0.08
≤0.13
3.85-4.40
≤0.07
≤0.09
≤2.60
3.7-4.6
≤0.09
≤0.11
3.15-3.80
≤0.07
≤0.09
≤2.81
3.1-4.0
≤0.09
≤0.11
2.70-3.40
≤0.08
2.60-3.50
≤0.10
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL).
2. Insertion loss change over the all input polarization states.
Coupling Ratio
99/1
98/2
97/3
95/5
90/10
85/15
80/20
75/25
70/30
65/35
60/40
55/45
50/50
≤0.18
≤0.25
≤0.30
≤0.35
≤0.60
≤0.90
≤1.15
≤1.50
≤1.75
≤2.05
≤2.50
≤2.85
IL
IL
1
PDL
PDL
2
(dB)
(dB)
1
(dB)
2
(dB)
99/1
≤0.20
18.5-21.0
≤0.05
≤0.12
≤0.25
15.5-21.5
≤0.07
≤0.15
95/5
≤0.38
11.4-14.8
≤0.05
≤0.12
≤0.50
11.2-15.2
≤0.07
≤0.15
90/10
≤0.60
9.20-11.3
≤0.07
≤0.12
≤0.70
8.70-11.7
≤0.10
≤0.15
80/20
≤1.30
5.70-7.90
≤0.10
≤0.12
≤1.5
5.4-8.5
≤0.10
≤0.15
70/30
≤1.90
4.30-6.00
≤0.10
≤0.10
≤2.2
4.2-6.4
≤0.10
≤0.15
60/40
≤2.60
3.40-4.70
≤0.10
≤0.10
≤2.8
3.2-4.7
≤0.10
≤0.15
50/50
2.70-3.40
≤0.10
2.60-3.60
≤0.15
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL).
2. Insertion loss change over the all input polarization states.
Signal
Signal
Tap
Tap
Signal
Signal
Tap
Tap
A Grade
P Grade
Coupling Ratio
IL
IL
1
PDL
PDL
2
(dB)
(dB)
1
(dB)
2
(dB)
Insertion Loss (IL) II : 1310nm, S or C+L band coupler
A Grade
P Grade
IL
IL
1
PDL
PDL
2
(dB)
(dB)
1
(dB)
2
(dB)
Signal
Signal
Signal
Signal
Tap
Tap
Tap
Tap
99/1
≤0.18
19.0-21.0
≤0.04
≤0.12
≤0.20
17.7-21.5
≤0.05
≤0.15
98/2
≤0.25
16.4-18.4
≤0.04
≤0.12
≤0.30
16.0-19.4
≤0.05
≤0.15
97/3
≤0.30
14.6-16.2
≤0.04
≤0.12
≤0.35
14.0-16.8
≤0.05
≤0.15
95/5
≤0.35
12.4-13.8
≤0.04
≤0.10
≤0.40
12.0-14.4
≤0.05
≤0.15
90/10
≤0.60
9.60-10.8
≤0.05
≤0.10
≤0.65
9.20-11.2
≤0.06
≤0.14
85/15
≤0.85
7.80-8.80
≤0.05
≤0.10
≤0.90
7.5-9.0
≤0.06
≤0.14
80/20
≤1.15
6.60-7.60
≤0.05
≤0.10
≤1.15
6.4-8.0
≤0.07
≤0.13
75/25
≤1.35
5.75-6.50
≤0.06
≤0.10
≤1.44
5.6-6.7
≤0.07
≤0.13
70/30
≤1.75
5.00-5.50
≤0.06
≤0.10
≤1.82
4.9-5.8
≤0.08
≤0.12
65/35
≤2.10
4.40-4.90
≤0.10
≤2.15
4.3-5.0
≤0.08
≤0.12
60/40
≤2.50
3.95-4.30
≤0.09
≤2.60
3.7-4.6
≤0.08
≤0.10
55/45
≤2.85
3.35-3.80
≤0.07
≤0.07
≤0.07
≤0.09
≤2.90
3.1-4.0
≤0.09
≤0.10
50/50
2.80-3.30
≤0.08
2.70-3.30
≤0.10
1. Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL).
2. Insertion loss change over the all input polarization states.
Coupling Ratio
Insertion Loss (IL) I : C or L band coupler



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com