Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OFMSD12M51112 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # OFMSD12M51112
Description  Multi-mode Dual 1x2 or 2x2 Add/Drop Optical Fiber Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OFMSD12M51112 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  OFMSD12M51112 Datasheet HTML 1Page - OPLINK Communications Inc. OFMSD12M51112 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Parameters
Symbol
Min
Typ.
Max
Unit
Switch Type
Dual 1x2 or 2x2 Bypass
Wavelength Range
λ
op
850, 1310 or 1550
nm
Insertion Loss 1
IL
1.0
dB
Cross-talk
35
dB
Repeatability
±0.05
dB
Return Loss
RL
30
dB
Optical Input Power
300
mW
Coil Resis-
tance
Latching
101.2 ± 10%
Ω
Non-latching
145 ± 10%
Ω
Switching Speed
10
ms
Durability
10 7
cycle
Cycle Rate
10
Hz
Switch Relay Type
Two coils, latching or single coil, non-latching
Driving Voltage 2
4.5 ~ 5.5
VDC
Operating Temperature
T
op
0
70
°C
Storage Temperature
T
sto
-40
80
°C
Fiber Type
50μm or 62.5μm core multi-mode fiber
Applications
Performance Specificationns
Notes:
1) Based on FOTP-34 method A, steady state equilibrium launch conditions. Within operating tempera-
ture range. Exclude connector insertion loss.
2) A minimum >20ms pulse is recommended for latching type of switch.
R01.20090522
OFMS Series Multi-mode Dual 1x2 or 2x2
Add/Drop Optical Fiber Switches
OFMSMMD Series
Oplink’s OFMS series optical fiber switches offer industry leading perfor-
mance specifications with Telcordia compliant reliability. The new switch
functions as two 1x2 or 2x2 Add/Drop multi-mode switches that are simul-
taneously switched together. The dual 1x2 or 2x2Add/Drop switch is housed
in the similar package as the Oplink OFMS series standard switches while
maintaining superior optical performance.
Oplink provides customized design to meet special control and applications.
Also, Oplink offers modular assemblies that integrate other components to
form a full function module or subsystem.
Compact Size
Low Insertion Loss
Seam-seal Package
Latching or Non-latching Configurations
Highly Stable & Reliable
Node Bypass Protection
Configurable Add/Drop


Similar Part No. - OFMSD12M51112

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS-1X4 OPLINK-OFMS-1X4 Datasheet
253Kb / 3P
1x4 Optical Fiber Switches
OFMS-1X8 OPLINK-OFMS-1X8 Datasheet
279Kb / 3P
1x8 Optical Fiber Switches
OFMS-1XN OPLINK-OFMS-1XN Datasheet
278Kb / 2P
Large Channel Count 1xN Switch Module
OFMS-MINI-148 OPLINK-OFMS-MINI-148 Datasheet
368Kb / 2P
Protection Switch
OFMS-MINI-1X4 OPLINK-OFMS-MINI-1X4 Datasheet
252Kb / 2P
1x4 Optical Fiber Switches
More results

Similar Description - OFMSD12M51112

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS2200D0011H OPLINK-OFMS2200D0011H Datasheet
326Kb / 2P
Full 2x2 Optical Fiber Switches
OFMS110M800 OPLINK-OFMS110M800 Datasheet
293Kb / 2P
Multi-mode 1x1, 1x2 and 2x2 Optical Fiber Switches
OFMS11MI80M21 OPLINK-OFMS11MI80M21 Datasheet
305Kb / 2P
Multi-mode Ultra-mini 1x1, 1x2, 2x2 Fiber-optic Switch
OFMS1100D0011H OPLINK-OFMS1100D0011H Datasheet
300Kb / 2P
Single Mode 1x1, 1x2 and 2x2 Add/Drop Optical Fiber Switches
OFMS12DUD0 OPLINK-OFMS12DUD0 Datasheet
306Kb / 2P
Single Mode Dual Add/Drop Optical Fiber Switches
OFMSFULL-2X2 OPLINK-OFMSFULL-2X2 Datasheet
222Kb / 2P
2x2 Optical Fiber Switches
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
Add/Drop Optical Fiber Switches
OFMS12MIE02111 OPLINK-OFMS12MIE02111 Datasheet
193Kb / 2P
Ultra-mini 1x1, 1x2, 2x2 (Add/Drop) Fiber-optic Switch
OFMS22MIE02111 OPLINK-OFMS22MIE02111 Datasheet
193Kb / 2P
Ultra-mini 1x1, 1x2, 2x2 (Add/Drop) Fiber-optic Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com