Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1518D Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC1518D
Description  5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC1518D Datasheet(HTML) 2 Page - Texas Instruments

  TLC1518D Datasheet HTML 1Page - Texas Instruments TLC1518D Datasheet HTML 2Page - Texas Instruments TLC1518D Datasheet HTML 3Page - Texas Instruments TLC1518D Datasheet HTML 4Page - Texas Instruments TLC1518D Datasheet HTML 5Page - Texas Instruments TLC1518D Datasheet HTML 6Page - Texas Instruments TLC1518D Datasheet HTML 7Page - Texas Instruments TLC1518D Datasheet HTML 8Page - Texas Instruments TLC1518D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TLC1514, TLC1518
5-V, 10-BIT, 400 KSPS, 4/8 CHANNEL, LOW POWER,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
SLAS252 – DECEMBER 1999
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
Command
Decode
SDI
CS
FS
EOC/(INT)
Low Power
10-BIT
SAR ADC
Control Logic
CSTART
PWDN
VCC
GND
REFP
4 V
Reference
S/H
Conversion
Clock
M
U
X
FIFO
10 Bit
× 8
CFR
SCLK
SDO
1518
A0
A1
A2
A3
A4
A5
A6
A7
REFM
1514
A0
X
A1
X
A2
X
A3
X
CMR (4 MSBs)
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
20-TSSOP
(PW)
20-SOIC
(DW)
16-SOIC
(D)
16-TSSOP
(PW)
–40
°C to 85°C
TLC1518IPW
TLC1518IDW
TLC1514ID
TLC1514IPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com