Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC254 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC254
Description  LinCMOSE QUAD OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC254 Datasheet(HTML) 2 Page - Texas Instruments

  TLC254 Datasheet HTML 1Page - Texas Instruments TLC254 Datasheet HTML 2Page - Texas Instruments TLC254 Datasheet HTML 3Page - Texas Instruments TLC254 Datasheet HTML 4Page - Texas Instruments TLC254 Datasheet HTML 5Page - Texas Instruments TLC254 Datasheet HTML 6Page - Texas Instruments TLC254 Datasheet HTML 7Page - Texas Instruments TLC254 Datasheet HTML 8Page - Texas Instruments TLC254 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TLC254, TLC254A, TLC254B, TLC254Y, TLC25L4, TLC25L4A, TLC25L4B
TLC25L4Y, TLC25M4, TLC25M4A, TLC25M4B, TLC25M4Y
LinCMOS
™ QUAD OPERATIONAL AMPLIFIERS
SLOS003F – JUNE 1983 – REVISED AUGUST 1994
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
General applications such as transducer interfacing, analog calculations, amplifier blocks, active filters, and
signal buffering are all easily designed with these devices. Remote and inaccessible equipment applications
are possible using their low-voltage and low-power capabilities. These devices are well suited to solve the
difficult problems associated with single-battery and solar-cell-powered applications. This series includes
devices that are characterized for the commercial temperature range and are available in 14-pin plastic dip and
the small-outline packages. The device is also available in chip form.
These devices are characterized for operation from 0
°C to 70°C.
DEVICE FEATURES
PARAMETER
TLC25L4_C
(LOW BIAS)
TLC25M4_C
(MEDIUM BIAS)
TLC254_C
(HIGH BIAS)
Supply current (Typ)
40
µA
600
µA
4000
µA
Slew rate (Typ)
0.04 V/
µA
0.6 V/
µA
4.5 V/
µA
Input offset voltage (Max)
TLC254C, TLC25L4C, TLC25M4C
TLC254AC, TLC25L4AC, TLC25M4AC
TLC254BC, TLC25L4BC, TLC25M4BC
10 mV
5 mV
2 mV
10 mV
5 mV
2 mV
10 mV
5 mV
2 mV
Offset voltage drift (Typ)
0.1
µV/month†
0.1
µV/month†
0.1
µV/month†
Offset voltage temperature coefficient (Typ)
0.7
µV/°C
2
µV/°C
5
µV/°C
Input bias current (Typ)
1 pA
1 pA
1 pA
Input offset current (Typ)
1 pA
1 pA
1 pA
† The long-term drift value applies after the first month.
equivalent schematic (each amplifier)
VDD
IN +
IN –
VDD – /GND
OUT
ESD-
Protective
Network
ESD-
Protective
Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com