Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7702AIP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL7702AIP
Description  SUPPLY-VOLTAGE SUPERVISORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7702AIP Datasheet(HTML) 5 Page - Texas Instruments

  TL7702AIP Datasheet HTML 1Page - Texas Instruments TL7702AIP Datasheet HTML 2Page - Texas Instruments TL7702AIP Datasheet HTML 3Page - Texas Instruments TL7702AIP Datasheet HTML 4Page - Texas Instruments TL7702AIP Datasheet HTML 5Page - Texas Instruments TL7702AIP Datasheet HTML 6Page - Texas Instruments TL7702AIP Datasheet HTML 7Page - Texas Instruments TL7702AIP Datasheet HTML 8Page - Texas Instruments TL7702AIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TL7702A, TL7705A, TL7709A, TL7712A, TL7715A
SUPPLY-VOLTAGE SUPERVISORS
SLVS028E – APRIL 1983 – REVISED JULY 1999
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS†
TL77xxAY
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
Vref
Reference voltage
2.53
V
TL7702A
2.53
TL7705A
4.55
VIT–
Negative-going input threshold voltage, SENSE
TL7709A
7.6
V
TL7712A
10.8
TL7715A
13.5
TL7702A
10
TL7705A
15
Vhys
Hysteresis, SENSE (VIT+ – VIT–)
TL7709A
20
mV
y
TL7712A
35
TL7715A
45
II
Input current, SENSE
TL7702A
Vref < VI < VCC – 1.5 V
0.5
µA
ICC
Supply current
All inputs and outputs open
1.8
mA
† All electrical characteristics are measured with 0.1-
µF capacitors connected at REF, CT, and VCC to GND.
switching characteristics over recommended operating conditions, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS‡
TL77xxAY
UNIT
PARAMETER
TEST CONDITIONS‡
MIN
TYP
MAX
UNIT
td
Output pulse time delay
CT = 0.1 µF
1.2
µs
‡ All switching characteristics are measured with 0.1-
µF capacitors connected at REF and VCC to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com