Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC372 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BC372
Description  High Voltage Darlington Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC372 Datasheet(HTML) 1 Page - Motorola, Inc

  BC372 Datasheet HTML 1Page - Motorola, Inc BC372 Datasheet HTML 2Page - Motorola, Inc BC372 Datasheet HTML 3Page - Motorola, Inc BC372 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
High Voltage
Darlington Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
BC372
BC373
Unit
Collector – Emitter Voltage
VCES
100
80
Vdc
Collector – Base Voltage
VCBO
100
80
Vdc
Emitter – Base Voltage
VEBO
12
Vdc
Collector Current — Continuous
IC
1.0
Adc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watt
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage(1)
(IC = 100 mAdc, IB = 0)
BC372
BC373
V(BR)CES
100
80
—
—
—
—
Vdc
Collector – Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
BC372
BC373
V(BR)CBO
100
80
—
—
—
—
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
12
—
—
Vdc
Collector Cutoff Current
(VCB = 80 Vdc, IE = 0)
BC372
(VCB = 60 Vdc, IE = 0)
BC373
ICBO
—
—
—
—
100
100
nAdc
Emitter Cutoff Current
(VEB = 10 V, IC = 0)
IEBO
—
—
100
nAdc
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle 2.0%.
Order this document
by BC372/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC372
BC373
CASE 29–04, STYLE 1
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR 3
BASE
2
EMITTER 1


Similar Part No. - BC372

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC372 ONSEMI-BC372 Datasheet
53Kb / 4P
High Voltage Darlington Transistors
January, 2006 ??Rev. 3
BC372 ONSEMI-BC372 Datasheet
64Kb / 4P
High Voltage Darlington Transistors
March, 2007 ??Rev. 4
logo
New Jersey Semi-Conduct...
BC372 NJSEMI-BC372 Datasheet
94Kb / 3P
High Voltage Darlington Transistors
logo
Zetex Semiconductors
BC372 ZETEX-BC372 Datasheet
478Kb / 1P
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
ON Semiconductor
BC372G ONSEMI-BC372G Datasheet
53Kb / 4P
High Voltage Darlington Transistors
January, 2006 ??Rev. 3
More results

Similar Description - BC372

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
Darlington Transistors
logo
SanRex Corporation
QCA100AA100 SANREX-QCA100AA100 Datasheet
105Kb / 2P
High power Darlington Transistors.
logo
STMicroelectronics
BU941ZP STMICROELECTRONICS-BU941ZP_05 Datasheet
496Kb / 9P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON TRANSISTORS
03-Feb-2005
logo
ON Semiconductor
BC372 ONSEMI-BC372 Datasheet
53Kb / 4P
High Voltage Darlington Transistors
January, 2006 ??Rev. 3
logo
List of Unclassifed Man...
TIP120 ETC2-TIP120 Datasheet
403Kb / 6P
Darlington Transistors
logo
STMicroelectronics
BU931 STMICROELECTRONICS-BU931_1 Datasheet
786Kb / 13P
High voltage ignition coil driver NPN power Darlington transistors
02-Dec-2009
BU941 STMICROELECTRONICS-BU941_08 Datasheet
491Kb / 12P
High voltage ignition coil driver NPN power Darlington transistors
18-Nov-2008
BU941ZP STMICROELECTRONICS-BU941ZP_08 Datasheet
486Kb / 11P
High voltage ignition coil driver NPN power Darlington transistors
22-Jan-2008
logo
ON Semiconductor
BC372 ONSEMI-BC372_07 Datasheet
64Kb / 4P
High Voltage Darlington Transistors
March, 2007 ??Rev. 4
logo
New Jersey Semi-Conduct...
BC372 NJSEMI-BC372 Datasheet
94Kb / 3P
High Voltage Darlington Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com