Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7705AIP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TL7705AIP
Description  SUPPLY-VOLTAGE SUPERVISORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7705AIP Datasheet(HTML) 4 Page - Texas Instruments

  TL7705AIP Datasheet HTML 1Page - Texas Instruments TL7705AIP Datasheet HTML 2Page - Texas Instruments TL7705AIP Datasheet HTML 3Page - Texas Instruments TL7705AIP Datasheet HTML 4Page - Texas Instruments TL7705AIP Datasheet HTML 5Page - Texas Instruments TL7705AIP Datasheet HTML 6Page - Texas Instruments TL7705AIP Datasheet HTML 7Page - Texas Instruments TL7705AIP Datasheet HTML 8Page - Texas Instruments TL7705AIP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TL7702A, TL7705A, TL7709A, TL7712A, TL7715A
SUPPLY-VOLTAGE SUPERVISORS
SLVS028E – APRIL 1983 – REVISED JULY 1999
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
TL77xxAC
TL77xxAI
UNIT
MIN
TYP
MAX
VOH
High-level output voltage, RESET
IOH = –16 mA
VCC–1.5
V
VOL
Low-level output voltage, RESET
IOL = 16 mA
0.4
V
Vref
Reference voltage
TA = 25°C
2.48
2.53
2.58
V
TL7702A
2.48
2.53
2.58
Nti
i
it th
h ld
lt
TL7705A
4.5
4.55
4.6
VIT–
Negative-going input threshold voltage,
SENSE
TL7709A
TA = 25°C
7.5
7.6
7.7
V
SENSE
TL7712A
10.6
10.8
11
TL7715A
13.2
13.5
13.8
TL7702A
10
TL7705A
15
Vhys
Hysteresis, SENSE (VIT+ – VIT–)
TL7709A
TA = 25°C
20
mV
y
TL7712A
35
TL7715A
45
RESIN
VI = 2.4 V to VCC
20
II
Input current
RESIN
VI = 0.4 V
–100
µA
SENSE
TL7702A
Vref < VI < VCC – 1.5 V
0.5
2
IOH
High-level output current, RESET
VO = 18 V
50
µA
IOL
Low-level output current, RESET
VO = 0
–50
µA
ICC
Supply current
All inputs and outputs open
1.8
3
mA
† All electrical characteristics are measured with 0.1-
µF capacitors connected at REF, CT, and VCC to GND.
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS‡
TL77xxAC
TL77xxAI
UNIT
MIN
TYP
MAX
Output pulse duration
CT = 0.1 µF
0.65
1.2
2.6
µs
Input pulse duration at RESIN
0.4
µs
tw(S)
Pulse duration
at SENSE input to switch outputs
VIH = VIT– +200 mV,
VIL = VIT– –200 mV
2
µs
tpd
Propagation delay time, RESIN to RESET
VCC = 5 V
1
µs
t
Rise time
RESET
VCC =5V
See Note 5
0.2
µs
tr
Rise time
RESET
VCC = 5 V,
See Note 5
3.5
µs
tf
Fall time
RESET
VCC =5V
See Note 5
3.5
µs
tf
Fall time
RESET
VCC = 5 V,
See Note 5
0.2
µs
‡ All switching characteristics are measured with 0.1-
µF capacitors connected at REF and VCC to GND.
NOTE 5: The rise and fall times are measured with a 4.7-k
Ω load resistor at RESET and RESET.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com