Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC254CD Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLC254CD
Description  LinCMOSE QUAD OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC254CD Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC254CD Datasheet HTML 13Page - Texas Instruments TLC254CD Datasheet HTML 14Page - Texas Instruments TLC254CD Datasheet HTML 15Page - Texas Instruments TLC254CD Datasheet HTML 16Page - Texas Instruments TLC254CD Datasheet HTML 17Page - Texas Instruments TLC254CD Datasheet HTML 18Page - Texas Instruments TLC254CD Datasheet HTML 19Page - Texas Instruments TLC254CD Datasheet HTML 20Page - Texas Instruments TLC254CD Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
TLC254, TLC254A, TLC254B, TLC254Y, TLC25L4, TLC25L4A, TLC25L4B
TLC25L4Y, TLC25M4, TLC25M4A, TLC25M4B, TLC25M4Y
LinCMOS
™ QUAD OPERATIONAL AMPLIFIERS
SLOS003F – JUNE 1983 – REVISED AUGUST 1994
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
°
30
°
60
°
90
°
120
°
150
°
106
105
104
103
102
101
1
AVD (left scale)
Phase Shift (right scale)
107
0.1
VDD = 10 V
RL = 10 kΩ
TA = 25°C
180
°
HIGH-BIAS LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
AND PHASE SHIFT
vs
FREQUENCY
10
100
1 k
10 k
100 k
1 M
10 M
Frequency – Hz
Figure 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com