Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2652IP Datasheet(PDF) 20 Page - Texas Instruments

Part # TLC2652IP
Description  Advanced LinCMOSE PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2652IP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC2652IP Datasheet HTML 16Page - Texas Instruments TLC2652IP Datasheet HTML 17Page - Texas Instruments TLC2652IP Datasheet HTML 18Page - Texas Instruments TLC2652IP Datasheet HTML 19Page - Texas Instruments TLC2652IP Datasheet HTML 20Page - Texas Instruments TLC2652IP Datasheet HTML 21Page - Texas Instruments TLC2652IP Datasheet HTML 22Page - Texas Instruments TLC2652IP Datasheet HTML 23Page - Texas Instruments TLC2652IP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
TLC2652, TLC2652A, TLC2652Y
Advanced LinCMOS
™ PRECISION CHOPPER-STABILIZED
OPERATIONAL AMPLIFIERS
SLOS019C – SEPTEMBER 1988 – REVISED FEBRUARY 1999
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
80
40
20
0
100
60
1
10
100
1 k
f – Frequency – Hz
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
VDD
± = ±5 V
RS = 20 Ω
TA = 25°C
Figure 27
Figure 28
|VCC
±| – Supply Voltage – V
1.9
1.8
0
1
234
5
2
GAIN-BANDWIDTH PRODUCT
vs
SUPPLY VOLTAGE
2.1
67
8
RL = 10 kΩ
CL = 100 pF
TA = 25°C
Figure 29
–50
TA – Free-Air Temperature – °C
2
1.8
1.4
1.2
–75
0
25
50
2.2
2.4
GAIN-BANDWIDTH PRODUCT
vs
FREE-AIR TEMPERATURE
2.6
75
100
125
VDD
± = ±5 V
RL = 10 kΩ
CL = 100 pF
–25
Figure 30
|VCC
±| – Supply Voltage – V
02
3
5
PHASE MARGIN
vs
SUPPLY VOLTAGE
78
14
6
RL = 10 kΩ
CL = 100 pF
TA = 25°C
50
°
48
°
46
°
44
°
42
°
40
°
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com