Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC32040 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC32040
Description  ANALOG INTERFACE CIRCUIT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC32040 Datasheet HTML 9Page - Texas Instruments TLC32040 Datasheet HTML 10Page - Texas Instruments TLC32040 Datasheet HTML 11Page - Texas Instruments TLC32040 Datasheet HTML 12Page - Texas Instruments TLC32040 Datasheet HTML 13Page - Texas Instruments TLC32040 Datasheet HTML 14Page - Texas Instruments TLC32040 Datasheet HTML 15Page - Texas Instruments TLC32040 Datasheet HTML 16Page - Texas Instruments TLC32040 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
αVref
CMRR
rI
VOO
VOM
dB
dB
dB
dB
TLC32040M
ANALOG INTERFACE CIRCUIT
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
4–13
electrical characteristics over recommended operating free-air temperature range, VCC+ = 5 V,
VCC– = –5 V, VDD = 5 V (unless otherwise noted)
total device, MSTR CLK frequency = 5.184 MHz, outputs not loaded
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = 4.75 V,
IOH = – 300 µA
2.4
V
VOL
Low-level output voltage
VDD = 4.75 V,
IOL = 2 mA
0.9
V
ICC +
Supply current from VCC+
40
mA
ICC –
Supply current from VCC–
–40
mA
IDD
Supply current from VDD
fMSTR CLK = 5.184 MHz
7
mA
Vref
Internal reference output voltage
2.9
3.3
V
Temperature coefficient of internal
reference voltage
200
ppm/
°C
ro
Output resistance at REF
100
k
Ω
receive amplifier input
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
A/D converter offset error (filters bypassed)
25
65
mV
A/D converter offset error (filters in)
25
65
mV
Common-mode rejection ratio at IN +, IN –,
or AUX IN+, AUX IN–
See Note 7
35
55
dB
Input resistance at IN +, IN –
or AUX IN +, AUX IN –, REF
100
k
Ω
NOTE 7: The test condition is a 0-dBm, 1-kHz input signal with an 8-kHz conversion rate.
transmit filter output
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output offset voltage at OUT+ or OUT–
(single ended relative to ANLG GND)
15
75
mV
Maximum peak output voltage swing between
OUT+ and OUT– (differential output)
RL ≥ 300 Ω
±6
V
system distortion specifications, SCF clock frequency = 288 kHz
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Attenuation of second harmonic of
Single ended
VI = – 0.5 dB to – 24 dB referred to Vref,
62
70
A/D input signal
Differential
Single-ended tested at 25
°C,
See Note 8
62
70
Attenuation of third and higher
Single ended
VI = – 0.5 dB to – 24 dB referred to Vref,
57
65
harmonics of A/D input signal
Differential
Single-ended tested at 25
°C,
See Note 8
57
65
Attenuation of second harmonic of
Single ended
VI = – 0 dB to – 24 dB referred to Vref,
70
D/A input signal
Differential
See Note 8
62
70
Attenuation of third and higher
Single ended
VI = – 0 dB to – 24 dB referred to Vref,
65
harmonics of D/A input signal
Differential
See Note 8
57
65
† All typical values are at TA = 25°C.
NOTE 8: The test condition is a 1-kHz input signal with an 8-kHz conversion rate (0 dB relative to Vref). The load impedance for the DAC is
300
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com