Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27L1IP Datasheet(PDF) 12 Page - Texas Instruments

Part # TLC27L1IP
Description  LinCMOSE LOW-POWER OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27L1IP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC27L1IP Datasheet HTML 8Page - Texas Instruments TLC27L1IP Datasheet HTML 9Page - Texas Instruments TLC27L1IP Datasheet HTML 10Page - Texas Instruments TLC27L1IP Datasheet HTML 11Page - Texas Instruments TLC27L1IP Datasheet HTML 12Page - Texas Instruments TLC27L1IP Datasheet HTML 13Page - Texas Instruments TLC27L1IP Datasheet HTML 14Page - Texas Instruments TLC27L1IP Datasheet HTML 15Page - Texas Instruments TLC27L1IP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
TLC27L1, TLC27L1A, TLC27L1B
LinCMOS
™ LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS154 – DECEMBER 1995
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 5
0
0
IOH – High-Level Output Current – mA
–10
5
–2
–4
–6
–8
1
2
3
4
VDD = 3 V
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
TA = 25°C
VID = 100 mV
VDD = 5 V
VDD = 4 V
Figure 6
0
0
IOH – High-Level Output Current – mA
–40
16
–10
–20
–30
2
4
6
8
10
12
14
TA = 25°C
VID = 100 mV
VDD = 16 V
VDD = 10 V
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
–35
–25
–15
–5
Figure 7
0
0
VDD – Supply Voltage – V
16
16
2
4
6
8
10
12
14
2
4
6
8
10
12
14
VID = 100 mV
RL = 1 MΩ
TA = 25°C
HIGH-LEVEL OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
Figure 8
–75
– 2.4
TA – Free-Air Temperature – °C
125
– 1.6
–50
–25
0
25
50
75
100
– 2.3
– 2.2
– 2.1
–2
– 1.9
– 1.8
– 1.7
IOH = – 5 mA
VID = 100 mV
VDD = 5 V
VDD = 10 V
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com